Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10RBCAFP Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R5F10RBCAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RBCAFP Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R5F10RBCAFP Datasheet HTML 18Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 19Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 20Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 21Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 22Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 23Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 24Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 25Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 22 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
2.2.2 On-chip oscillator characteristics
(TA =
−20 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
24 MHz selected
23.76
24.00
24.24
MHz
1.8 V
≤ VDD < 5.5 V
16 MHz selected
15.84
16.00
16.16
MHz
24 MHz selected
22.80
24.00
25.20
MHz
High-speed
on-chip oscillator
clock frequency
Note
fIH
1.6 V
≤ VDD <1.8 V
16 MHz selected
11.40
16.00
16.80
MHz
Note This only indicates the oscillator characteristics.
Refer to AC Characteristics for instruction execution
time.
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
24 MHz selected
23.64
24.00
24.36
MHz
1.8 V
≤ VDD < 5.5 V
16 MHz selected
15.76
16.00
16.24
MHz
24 MHz selected
22.68
24.00
25.32
MHz
High-speed
on-chip oscillator
clock frequency
Note
fIH
1.6 V
≤ VDD <1.8 V
16 MHz selected
15.12
16.00
16.88
MHz
Note This only indicates the oscillator characteristics.
Refer to AC Characteristics for instruction execution
time.
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
Low-speed on-chip
oscillator clock
frequency
fIL
12.75
15
17.25
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com