Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630ACDFB Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R5F5630ACDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ACDFB Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R5F5630ACDFB Datasheet HTML 88Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 89Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 90Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 91Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 92Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 93Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 94Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 95Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 92 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
0008 81ECh*1
PPG0
Next data register H
NDRH
8
8
2, 3 PCLKB
2 ICLK
0008 81EDh*2
PPG0
Next data register L
NDRL
8
8
2, 3 PCLKB
2 ICLK
0008 81EEh*1
PPG0
Next data register H
NDRH2
8
8
2, 3 PCLKB
2 ICLK
0008 81EFh*2
PPG0
Next data register L
NDRL2
8
8
2, 3 PCLKB
2 ICLK
0008 81F0h
PPG1
PPG trigger select register
PTRSLR
8
8
2, 3 PCLKB
2 ICLK
0008 81F6h
PPG1
PPG output control register
PCR
8
8
2, 3 PCLKB
2 ICLK
0008 81F7h
PPG1
PPG output mode register
PMR
8
8
2, 3 PCLKB
2 ICLK
0008 81F8h
PPG1
Nest data enable register H
NDERH
8
8
2, 3 PCLKB
2 ICLK
0008 81F9h
PPG1
Nest data enable register L
NDERL
8
8
2, 3 PCLKB
2 ICLK
0008 81FAh
PPG1
Output data register H
PODRH
8
8
2, 3 PCLKB
2 ICLK
0008 81FBh
PPG1
Output data register L
PODRL
8
8
2, 3 PCLKB
2 ICLK
0008 81FCh*3
PPG1
Next data register H
NDRH
8
8
2, 3 PCLKB
2 ICLK
0008 81FDh*4
PPG1
Next data register L
NDRL
8
8
2, 3 PCLKB
2 ICLK
0008 81FEh*3
PPG1
Next data register H
NDRH2
8
8
2, 3 PCLKB
2 ICLK
0008 81FFh*4
PPG1
Next data register L
NDRL2
8
8
2, 3 PCLKB
2 ICLK
0008 8200h
TMR0
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8201h
TMR1
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8202h
TMR0
Timer control/status register
TCSR
8
8
2, 3 PCLKB
2 ICLK
0008 8203h
TMR1
Timer control/status register
TCSR
8
8
2, 3 PCLKB
2 ICLK
0008 8204h
TMR0
Time constant register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
0008 8205h
TMR1
Time constant register A
TCORA
8
8*5
2, 3 PCLKB
2 ICLK
0008 8206h
TMR0
Time constant register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
0008 8207h
TMR1
Time constant register B
TCORB
8
8*5
2, 3 PCLKB
2 ICLK
0008 8208h
TMR0
Timer counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
0008 8209h
TMR1
Timer counter
TCNT
8
8*5
2, 3 PCLKB
2 ICLK
0008 820Ah
TMR0
Timer counter control register
TCCR
8
8
2, 3 PCLKB
2 ICLK
0008 820Bh
TMR1
Timer counter control register
TCCR
8
8*5
2, 3 PCLKB
2 ICLK
0008 8210h
TMR2
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8211h
TMR3
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8212h
TMR2
Timer control/status register
TCSR
8
8
2, 3 PCLKB
2 ICLK
0008 8213h
TMR3
Timer control/status register
TCSR
8
8
2, 3 PCLKB
2 ICLK
0008 8214h
TMR2
Time constant register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
0008 8215h
TMR3
Time constant register A
TCORA
8
8*5
2, 3 PCLKB
2 ICLK
0008 8216h
TMR2
Time constant register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
0008 8217h
TMR3
Time constant register B
TCORB
8
8*5
2, 3 PCLKB
2 ICLK
0008 8218h
TMR2
Timer counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
0008 8219h
TMR3
Timer counter
TCNT
8
8*5
2, 3 PCLKB
2 ICLK
0008 821Ah
TMR2
Timer counter control register
TCCR
8
8
2, 3 PCLKB
2 ICLK
0008 821Bh
TMR3
Timer counter control register
TCCR
8
8*5
2, 3 PCLKB
2 ICLK
0008 8280h
CRC
CRC control register
CRCCR
8
8
2, 3 PCLKB
2 ICLK
0008 8281h
CRC
CRC data input register
CRCDIR
8
8
2, 3 PCLKB
2 ICLK
0008 8282h
CRC
CRC data output register
CRCDOR
16
16
2, 3 PCLKB
2 ICLK
0008 8300h
RIIC0
I2C bus control register 1
ICCR1
8
8
2, 3 PCLKB
2 ICLK
0008 8301h
RIIC0
I2C bus control register 2
ICCR2
8
8
2, 3 PCLKB
2 ICLK
0008 8302h
RIIC0
I2C bus mode register 1
ICMR1
8
8
2, 3 PCLKB
2 ICLK
0008 8303h
RIIC0
I2C bus mode register 2
ICMR2
8
8
2, 3 PCLKB
2 ICLK
0008 8304h
RIIC0
I2C bus mode register 3
ICMR3
8
8
2, 3 PCLKB
2 ICLK
0008 8305h
RIIC0
I2C bus function enable register
ICFER
8
8
2, 3 PCLKB
2 ICLK
0008 8306h
RIIC0
I2C bus status enable register
ICSER
8
8
2, 3 PCLKB
2 ICLK
0008 8307h
RIIC0
I2C bus interrupt enable register
ICIER
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (16/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com