Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630ACDFB Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R5F5630ACDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ACDFB Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R5F5630ACDFB Datasheet HTML 92Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 93Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 94Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 95Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 96Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 97Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 98Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 99Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 96 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
0008 8612h
MTU4
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8614h
MTU
Timer cycle data register
TCDR
16
16
2, 3 PCLKB
2 ICLK
0008 8616h
MTU
Timer dead time data register
TDDR
16
16
2, 3 PCLKB
2 ICLK
0008 8618h
MTU3
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 861Ah
MTU3
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 861Ch
MTU4
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 861Eh
MTU4
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 8620h
MTU
Timer subcounter
TCNTS
16
16
2, 3 PCLKB
2 ICLK
0008 8622h
MTU
Timer cycle buffer register
TCBR
16
16
2, 3 PCLKB
2 ICLK
0008 8624h
MTU3
Timer general register C
TGRC
16
16
2, 3 PCLKB
2 ICLK
0008 8626h
MTU3
Timer general register D
TGRD
16
16
2, 3 PCLKB
2 ICLK
0008 8628h
MTU4
Timer general register C
TGRC
16
16
2, 3 PCLKB
2 ICLK
0008 862Ah
MTU4
Timer general register D
TGRD
16
16
2, 3 PCLKB
2 ICLK
0008 862Ch
MTU3
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 862Dh
MTU4
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8630h
MTU
Timer interrupt skipping set register
TITCR
8
8
2, 3 PCLKB
2 ICLK
0008 8631h
MTU
Timer interrupt skipping counter
TITCNT
8
8
2, 3 PCLKB
2 ICLK
0008 8632h
MTU
Timer buffer transfer set register
TBTER
8
8
2, 3 PCLKB
2 ICLK
0008 8634h
MTU
Timer dead time enable register
TDER
8
8
2, 3 PCLKB
2 ICLK
0008 8636h
MTU
Timer output level buffer register
TOLBR
8
8
2, 3 PCLKB
2 ICLK
0008 8638h
MTU3
Timer buffer operation transfer mode register
TBTM
8
8
2, 3 PCLKB
2 ICLK
0008 8639h
MTU4
Timer buffer operation transfer mode register
TBTM
8
8
2, 3 PCLKB
2 ICLK
0008 8640h
MTU4
Timer A/D converter start request control register TADCR
16
16
2, 3 PCLKB
2 ICLK
0008 8644h
MTU4
Timer A/D converter start request cycle set
register A
TADCORA
16
16
2, 3 PCLKB
2 ICLK
0008 8646h
MTU4
Timer A/D converter start request cycle set
register B
TADCORB
16
16
2, 3 PCLKB
2 ICLK
0008 8648h
MTU4
Timer A/D converter start request cycle set
buffer register A
TADCOBRA
16
16
2, 3 PCLKB
2 ICLK
0008 864Ah
MTU4
Timer A/D converter start request cycle set
buffer register B
TADCOBRB
16
16
2, 3 PCLKB
2 ICLK
0008 8660h
MTU
Timer waveform control register
TWCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8680h
MTU
Timer start register
TSTR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8681h
MTU
Timer synchronous register
TSYR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8684h
MTU
Timer read/write enable register
TRWER
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8690h
MTU0
Noise filter control register
NFCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8691h
MTU1
Noise filter control register
NFCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8692h
MTU2
Noise filter control register
NFCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8693h
MTU3
Noise filter control register
NFCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8694h
MTU4
Noise filter control register
NFCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8695h
MTU5
Noise filter control register
NFCR
8
8, 16
2, 3 PCLKB
2 ICLK
0008 8700h
MTU0
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8701h
MTU0
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8702h
MTU0
Timer I/O control register H
TIORH
8
8
2, 3 PCLKB
2 ICLK
0008 8703h
MTU0
Timer I/O control register L
TIORL
8
8
2, 3 PCLKB
2 ICLK
0008 8704h
MTU0
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8705h
MTU0
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8706h
MTU0
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8708h
MTU0
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 870Ah
MTU0
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 870Ch
MTU0
Timer general register C
TGRC
16
16
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (20/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com