Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630ACDFB Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R5F5630ACDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ACDFB Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R5F5630ACDFB Datasheet HTML 8Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 9Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 10Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 11Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 12Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 13Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 14Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 15Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 12 of 168
Sep 13, 2011
RX630 Group
1. Overview
1.4
Pin Functions
Table 1.4 lists the pin functions.
Table 1.4
Pin Functions (1/5)
Classifications
Pin Name
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply.
VCL
Input
Connect this pin to VSS via a 0.1-
F capacitor. The capacitor
should be placed close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
VBATT
Input
Backup power pin
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be input
through the EXTAL pin.
EXTAL
Input
BCLK
Output
Outputs the external bus clock for external devices.
XCOUT
Output
Input/output pins for the sub-clock oscillator circuit. Connect a
crystal resonator between XCOUT and XCIN.
XCIN
Input
Operating mode control
MD
Input
Pins for setting the operating mode. The signal levels on these pins
must not be changed during operation.
System control
RES#
Input
Reset signal input pin. This LSI enters the reset state when this
signal goes low.
EMLE
Input
Input pin for the on-chip emulator enable signal. When the on-chip
emulator is used, this pin should be driven high. When not used, it
should be driven low.
BSCANP
Input
Boundary scan enable pin. Boundary scan is enabled when this pin
goes high. When not used, it should be driven low.
On-chip emulator
FINEC
Input
Fine interface clock pin
FINED
I/O
Fine interface pin
TRST#
Input
On-chip emulator or boundary scan pins. When the EMLE pin is
driven high, these pins are dedicated for the on-chip emulator.
TMS
Input
TDI
Input
TCK
Input
TDO
Output
TRCLK
Output
This pin outputs the clock for synchronization with the trace data.
TRSYNC#
Output
This pin indicates that output from the TRDATA0 to TRDATA3 pins
is valid.
TRDATA0 to TRDATA3
Output
These pins output the trace information.
Address bus
A0 to A23
Output
Output pins for the address.
Data bus
D0 to D31
I/O
Input and output pins for the bidirectional data bus.
Multiplexed bus
A0/D0 to A15/D15
I/O
Address/data multiplexed bus
Bus control
RD#
Output
Strobe signal which indicates that reading from the external bus
interface space is in progress.
WR#
Output
Strobe signal which indicates that writing to the external bus
interface space is in progress, in 1-write strobe mode.
WR0# to WR3#
Output
Strobe signals which indicate that either group of data bus pins (D7
to D0, D15 to D8, D23 to D16 and D31 to D24) is valid in writing to
the external bus interface space, in byte strobe mode.
BC0# to BC3#
Output
Strobe signals which indicate that either group of data bus pins (D7
to D0, D15 to D8, D23 to D16 and D31 to D24) is valid in access to
the external bus interface space, in 1-write strobe mode.
ALE
Output
Address latch signal when address/data multiplexed bus is
selected.
WAIT#
Input
Input pins for wait request signals in access to the external space.
CS0# to CS7#
Output
Select signals for CS areas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com