Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630ACDFB Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # R5F5630ACDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ACDFB Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button R5F5630ACDFB Datasheet HTML 108Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 109Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 110Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 111Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 112Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 113Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 114Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 115Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 112 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
0009 2820h to
0009 283Fh
CAN2
Message control registers 0 to 31
MCTL0 to 31
8
8
2, 3 PCLKB
2 ICLK
0009 2840h
CAN2
Control register
CTLR
16
8, 16
2, 3 PCLKB
2 ICLK
0009 2842h
CAN2
Status register
STR
16
8, 16
2, 3 PCLKB
2 ICLK
0009 2844h
CAN2
Bit configuration register
BCR
32
8, 16, 32
2, 3 PCLKB
2 ICLK
0009 2848h
CAN2
Receive FIFO control register
RFCR
8
8
2, 3 PCLKB
2 ICLK
0009 2849h
CAN2
Receive FIFO pointer control register
RFPCR
8
8
2, 3 PCLKB
2 ICLK
0009 284Ah
CAN2
Transmit FIFO control register
TFCR
8
8
2, 3 PCLKB
2 ICLK
0009 284Bh
CAN2
Transmit FIFO pointer control register
TFPCR
8
8
2, 3 PCLKB
2 ICLK
0009 284Ch
CAN2
Error interrupt enable register
EIER
8
8
2, 3 PCLKB
2 ICLK
0009 284Dh
CAN2
Error interrupt factor judge register
EIFR
8
8
2, 3 PCLKB
2 ICLK
0009 284Eh
CAN2
Receive error count register
RECR
8
8
2, 3 PCLKB
2 ICLK
0009 284Fh
CAN2
Transmit error count register
TECR
8
8
2, 3 PCLKB
2 ICLK
0009 2850h
CAN2
Error code store register
ECSR
8
8
2, 3 PCLKB
2 ICLK
0009 2851h
CAN2
Channel search support register
CSSR
8
8
2, 3 PCLKB
2 ICLK
0009 2852h
CAN2
Mailbox search status register
MSSR
8
8
2, 3 PCLKB
2 ICLK
0009 2853h
CAN2
Mailbox search mode register
MSMR
8
8
2, 3 PCLKB
2 ICLK
0009 2854h
CAN2
Time stamp register
TSR
16
16
2, 3 PCLKB
2 ICLK
0009 2856h
CAN2
Acceptance filter support register
AFSR
16
16
2, 3 PCLKB
2 ICLK
0009 2858h
CAN2
Test control register
TCR
8
8
2, 3 PCLKB
2 ICLK
000A 0000h
USB0
System configuration control register
SYSCFG
16
16
3, 4 PCLKB
2, 3 ICLK
000A 0004h
USB0
System configuration status register 0
SYSSTS0
16
16
9 PCLKB or
more
000A 0008h
USB0
Device state control register 0
DVSTCTR0
16
16
9 PCLKB or
more
000A 0014h
USB0
CFIFO port register
CFIFO
16
8, 16
3, 4 PCLKB
2, 3 ICLK
000A 0018h
USB0
D0FIFO port register
D0FIFO
16
8, 16
3, 4 PCLKB
2, 3 ICLK
000A 001Ch
USB0
D1FIFO port register
D1FIFO
16
8, 16
3, 4 PCLKB
2, 3 ICLK
000A 0020h
USB0
CFIFO port select register
CFIFOSEL
16
16
3, 4 PCLKB
2, 3 ICLK
000A 0022h
USB0
CFIFO port control register
CFIFOCTR
16
16
3, 4 PCLKB
2, 3 ICLK
000A 0028h
USB0
D0FIFO port select register
D0FIFOSEL
16
16
3, 4 PCLKB
2, 3 ICLK
000A 002Ah
USB0
D0FIFO port control register
D0FIFOCTR
16
16
3, 4 PCLKB
2, 3 ICLK
000A 002Ch
USB0
D1FIFO port select register
D1FIFOSEL
16
16
3, 4 PCLKB
2, 3 ICLK
000A 002Eh
USB0
D1FIFO port control register
D1FIFOCTR
16
16
3, 4 PCLKB
2, 3 ICLK
000A 0030h
USB0
Interrupt status register 0
INTENB0
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0036h
USB0
BRDY interrupt status register
BRDYENB
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0038h
USB0
NRDY interrupt status register
NRDYENB
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 003Ah
USB0
BEMP interrupt status register
BEMPENB
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 003Ch
USB0
SOF output configuration register
SOFCFG
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
Table 4.1
List of I/O Registers (Address Order) (36/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com