Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89876L_0708 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89876L_0708
Description  3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89876L_0708 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89876L_0708 Datasheet HTML 2Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 3Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 4Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 5Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 6Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 7Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 8Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 9Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Precision Edge®
SY89876L
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
INPUT INTERFACE APPLICATIONS
VCC
GND
50
Ω
50
Ω
IN
VT
/IN
1.86k
1.86k
1.86k
1.86k
Figure 2a. Simplified Differential Input Buffer
VCC
GND
S0
S1
S2
/RESET
R
25k
Ω
R
Figure 2b. Simplified TTL/CMOS Input Buffer
LVDS OUTPUTS
LVDS (Low Voltage Differential Swing) specifies a small
swing of 350mV typical, on a nominal 1.25V common mode
above ground. The common mode voltage has tight limits
100
Ω
–1%
GND
vOD
vOH, vOL
vOH, vOL
Figure 3a. LVDS Differential Measurement
50
Ω, ±1%
GND
vOCM,
∆v
OCM
50
Ω, ±1%
Figure 3b. LVDS Common Mode Measurement
to permit large variations in ground between an LVDS driver
and receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com