Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89876L_0708 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89876L_0708
Description  3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89876L_0708 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89876L_0708 Datasheet HTML 2Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 3Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 4Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 5Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 6Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 7Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 8Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 9Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Precision Edge®
SY89876L
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
INPUT INTERFACE APPLICATIONS
CML
IN
/IN
VT
NC
GND
SY89876L
VCC
VCC
VREF_AC
NC
Figure 4a. DC-Coupled CML
Input Interface
CML
IN
/IN
VT
GND
SY89876L
VCC
VCC
VREF_AC
VCC
0.01µF
Figure 4b. AC-Coupled CML
Input Interface
PECL
IN
/IN
VT
GND
SY89876L
VCC
VCC
VREF_AC
NC
0.01
µF
50
Ω
Rb
VCC
Figure 4c. DC-Coupled PECL
Input Interface
PECL
IN
/IN
VT
GND
SY89876L
VCC
VCC
GND
VREF_AC
VCC
0.01
µF
Rpd
100
Ω
Rpd
100
Ω
Figure 4d. AC-Coupled PECL
Input Interface
LVDS
IN
/IN
VT
NC
GND
SY89876L
VCC
VCC
VREF_AC
NC
Figure 4e. LVDS
Input Interface
HSTL
IN
/IN
VT
GND
SY89876L
VCC
VCC
GND
NC
VREF_AC
Figure 4f. HSTL
Input Interface
Part Number
Function
Data Sheet Link
SY89873L
3.3V, 2.5GHz Any Diff. IN-to-LVDS
http://www.micrel.com/product-info/products/sy89873l.shtml
Programmable Clock Divider/Fanout Buffer
w/ Internal Termination
MLF® Application Note
http://www.amkor.com/products/notes_papers/mlf_appnote.pdf
HBW Solutions
New Products and Applications
http://www.micrel.com/product-info/products/solutions.shtml
RELATED PRODUCT AND SUPPORT DOCUMENTATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com