Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89876L_0708 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89876L_0708
Description  3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89876L_0708 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89876L_0708 Datasheet HTML 1Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 2Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 3Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 4Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 5Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 6Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 7Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 8Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Precision Edge®
SY89876L
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
Integrated programmable clock divider and 1:2
fanout buffer
Guaranteed AC performance over temperature and
voltage:
• >2.0GHz f
MAX
• <190ps tr /tf
• <15ps within device skew
Low jitter design:
• <10ps
PP total jitter
• <1ps
RMS cycle-to-cycle jitter
Unique input termination and VT Pin for DC- and AC-
coupled inputs; CML, PECL, LVDS and HSTL
LVDS-compatible outputs
TTL/CMOS inputs for select and reset
Parallel programming capability
Programmable divider ratios of 1, 2, 4, 8 and 16
Low voltage operation 3.3V
Output disable function
–40°C to 85°C industrial temperature range
Available in 16-pin (3mm x 3mm) MLF® package
FEATURES
3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS
PROGRAMMABLE CLOCK DIVIDER AND
1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
Precision Edge®
SY89876L
APPLICATIONS
SONET/SDH line cards
Transponders
High-end, multiprocessor servers
1
Rev.: E
Amendment: /0
Issue Date:
August 2007
This low-skew, low-jitter device is capable of accepting a
high-speed (e.g., 622MHz or higher) CML, LVPECL, LVDS
or HSTL clock input signal and dividing down the frequency
using a programmable divider ratio to create a lower speed
version of the input clock. Available divider ratios are 2, 4, 8
and 16, or straight pass-through.
The differential input buffer has a unique internal
termination design that allows access to the termination
network through a VT pin. This feature allows the device to
easily interface to different logic standards. A V
REF-AC
reference is included for AC-coupled applications.
The /RESET input asynchronously resets the divider. In
the pass-through function (divide by 1) the /RESET
synchronously enables or disables the outputs on the next
falling edge of IN (rising edge of /IN).
FUNCTIONAL BLOCK DIAGRAM
TYPICAL PERFORMANCE
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
IN
/IN
S1
(TTL/CMOS)
S0
(TTL/CMOS)
Q1
/Q1
Q0
/Q0
50
Ω
50
Ω
/RESET
(TTL/CMOS)
VT
VREF_AC
S2
(TTL/CMOS)
Divided
by
2, 4, 8
or 16
Enable
MUX
MUX
Enable
FF
Decoder
Divide-by-4
CML/LVPECL/LVDS
622MHz
Clock In
OC-12 to OC-3
Translator/Divider
LVDS
155.5MHz
Clock Out
622MHz In
/Q0
Q0
/IN
IN
155.5MHz Out


Similar Part No. - SY89876L_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89876LMG MICREL-SY89876LMG Datasheet
109Kb / 10P
3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89876LMGTR MICREL-SY89876LMGTR Datasheet
109Kb / 10P
3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89876LMI MICREL-SY89876LMI Datasheet
109Kb / 10P
3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89876LMITR MICREL-SY89876LMITR Datasheet
109Kb / 10P
3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
More results

Similar Description - SY89876L_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89327L MICREL-SY89327L Datasheet
71Kb / 8P
3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
SY89875U MICREL-SY89875U Datasheet
231Kb / 10P
2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1;2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89873L MICREL-SY89873L Datasheet
103Kb / 11P
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U MICREL-SY89875U_07 Datasheet
161Kb / 10P
2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89876L MICREL-SY89876L Datasheet
109Kb / 10P
3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89873L_0708 MICREL-SY89873L_0708 Datasheet
111Kb / 11P
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89872U_0708 MICREL-SY89872U_0708 Datasheet
178Kb / 10P
2.5V, 2GHz ANY DIFF. IN-TO-LVDS
SY89327L MICREL-SY89327L_07 Datasheet
85Kb / 8P
3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239_13 Datasheet
147Kb / 12P
2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com