Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF620 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF620
Description  434MHz ISM Band Transceiver Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF620 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF620 Datasheet HTML 7Page - Micrel Semiconductor MICRF620 Datasheet HTML 8Page - Micrel Semiconductor MICRF620 Datasheet HTML 9Page - Micrel Semiconductor MICRF620 Datasheet HTML 10Page - Micrel Semiconductor MICRF620 Datasheet HTML 11Page - Micrel Semiconductor MICRF620 Datasheet HTML 12Page - Micrel Semiconductor MICRF620 Datasheet HTML 13Page - Micrel Semiconductor MICRF620 Datasheet HTML 14Page - Micrel Semiconductor MICRF620 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Micrel, Inc.
MICRF620/MICRF620Z
July 2006
11
M9999-120205
Power on Reset
When applying voltage to the MICRF620 a power on reset
state is entered. During the time period of power on reset,
the MICRF620 should be considered to be in an unknown
state and the user should wait until completed (See Table
6). The power on reset timing given in table 6 is covering
all conditions and should be treated as a maximum delay
time. In some application it might be beneficial to minimize
the power on reset time. In these cases we recommend to
follow below procedure:
Programming Summary
•
Use CS, SCLK, and IO to get access to the control
registers in MICRF620.
•
SCLK is user-controlled.
•
Write to the MICRF620 at positive edges
(MICRF620 reads at negative edges).
•
Read from the MICRF620 at negative edges
(MICRF620 writes at positive edges)
•
After power-on: Write to the complete set of
control registers.
•
Address field is 7 bits long. Enter msb first.
•
R/W bit is 1 bit long (“1” for read, “0” for write)
•
Address and R/W bit together make 1 octet
•
All control registers are 8 bits long. Enter/read msb
in every octet first.
•
Always write 8 bits to/read 8 bits from a control
register. This is the case for registers with less
than 8 used programming bits as well.
•
Writing: Bring CS high, write address and R/W bit
followed by the new values to fill into the
addressed control register(s) and bring CS low for
loading, i.e., activation of the new control register
values.
•
Reading: Bring CS high, write address and R/W
bit, set IO as an input, read present contents of the
addressed control register(s), bring CS low and
set IO an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com