Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF620 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF620
Description  434MHz ISM Band Transceiver Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF620 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF620 Datasheet HTML 10Page - Micrel Semiconductor MICRF620 Datasheet HTML 11Page - Micrel Semiconductor MICRF620 Datasheet HTML 12Page - Micrel Semiconductor MICRF620 Datasheet HTML 13Page - Micrel Semiconductor MICRF620 Datasheet HTML 14Page - Micrel Semiconductor MICRF620 Datasheet HTML 15Page - Micrel Semiconductor MICRF620 Datasheet HTML 16Page - Micrel Semiconductor MICRF620 Datasheet HTML 17Page - Micrel Semiconductor MICRF620 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Micrel, Inc.
MICRF620/MICRF620Z
July 2006
14
M9999-120205
Transceiver Sync/Non-Synchronous Mode
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1
Mode0
’1’
0000110
-
‘0’
‘0’
‘0’
BitSync_clkS2 BitSync_clkS1 BitSync_clkS0 BitRate_clkS2
0000111 BitRate_clkS1 BitRate_clkS0
RefClk_K5
RefClk_K4
RefClk_K3
RefClk_K2
RefClk_K1
RefClk_K0
Sync_en
State
Comments
0
Rx: Bit
synchronization off
Transparent reception of data
0
Tx: DataClk pin off
Transparent transmission of
data
1
Rx: Bit
synchronization on
Bit-clock is generated by
transceiver
1
Tx: DataClk pin on
Bit-clock is generated by
transceiver
When Sync_en = 1, it will enable the bit synchronizer in
receive mode. The bit synchronizer clock needs to be
programmed,
see
chapter
Bit
synchronizer.
The
synchronized clock will be set out on pit DataClk.
In transmit mode, when Sync_en = 1, the clock signal on
pin DataClk is a programmed bit rate clock. Now the
transceiver controls the actual data rate. The data to be
transmitted will be sampled on rising edge of DataClk. The
micro controller can therefore use the negative edge to
change the data to be transmitted. The clock used for this
purpose, BitRate-clock, is programmed in the same way
as the modulator clock and the bit synchronizer clock:
lkS)
-BITRATE_c
(7
XCO
K
BITRATE_CL
2
Refclk_K
f
f
×
=
where
fBITRATE_CLK: The clock frequency used to control the
bit rate, should be equal to the bit rate (bit rate of 20
kbit/sec requires a clock frequency of 20kHz)
fXCO: Crystal oscillator frequency
Refclk_K: 6 bit divider, values between 1 and 63
BitRate_clkS: Bit rate setting, values between 0 and
6
Data Interface
The MICRF620 interface can be divided in to two separate
interfaces, a “programming interface” and a “Data
interface”. The “programming interface” has a three wire
serial programmable interface and is described in chapter
Programming.
The “data interface” can be programmed to sync-/non-
synchronous mode. In synchronous mode the MICRF620
is defined as “Master” and provides a data clock that
allows users to utilize low cost micro controller reference
frequency.
The data interface is defined in such a way that all user
actions should take place on falling edge and is illustrated
Figure 7 and 8. The two figures illustrate the relationship
between DATACLK and DATAIXO in receive mode and
transmit mode.
MICRF620 will present data on rising edge and the
“USER” sample data on falling edge in receive mode.
DATAIXO
DATACLK
Figure 7. Data interface in Receive Mode
The User presents data on falling edge and MICRF620 samples
on rising edge in transmit mode.
DATAIXO
DATACLK
Figure 8. Data interface in Transmit Mode
Receiver
The receiver is a zero intermediate frequency (IF) type in
order to make channel filtering possible with low-power
integrated low-pass filters. The receiver consists of a low
noise amplifier (LNA) that drives a quadrature mixer pair.
The mixer outputs feed two identical signal channels in
phase quadrature. Each channel includes a pre-amplifier,
a third order Sallen-Key RC lowpass filter from strong
adjacent channel signals and finally a limiter. The main
channel filter is a switched-capacitor implementation of a
six-pole elliptic lowpass filter. The elliptic filter minimizes
the total capacitance required for a given selectivity and
dynamic range. The cut-off frequency of the Sallen-Key
RC filter can be programmed to four different frequencies:
100kHz, 150kHz, 230kHz and 340kHz. The demodulator
demodulates the I and Q channel outputs and produces a
digital data output. If detects the relative phase of the I and
Q channel signal. If the I channel signal lags the Q
channel, the FSK tone frequency lies above the LO
frequency (data ‘1’). If the I channel leads the Q channel,
the FSK tone lies below the LO frequency (data ‘0’). The
output of the receiver is available on the DataIXO pin. A
RSSI circuit (receive signal strength indicator) indicates
the received signal level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com