Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF620 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF620
Description  434MHz ISM Band Transceiver Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF620 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF620 Datasheet HTML 13Page - Micrel Semiconductor MICRF620 Datasheet HTML 14Page - Micrel Semiconductor MICRF620 Datasheet HTML 15Page - Micrel Semiconductor MICRF620 Datasheet HTML 16Page - Micrel Semiconductor MICRF620 Datasheet HTML 17Page - Micrel Semiconductor MICRF620 Datasheet HTML 18Page - Micrel Semiconductor MICRF620 Datasheet HTML 19Page - Micrel Semiconductor MICRF620 Datasheet HTML 20Page - Micrel Semiconductor MICRF620 Datasheet HTML 21Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Micrel, Inc.
MICRF620/MICRF620Z
July 2006
18
M9999-120205
If FEE = -128 and still counting dwn-pulses:
1) =>-129 = +127
2) 126
3) 125
To avoid this situation, always make sure max count is
between limits.
Application Circuit Illustration
Figure 11. Circuit illustration of MICRF620, LDO and MCU
Figure 12 shows a typical set-up with the MICRF620, a
Low-Drop-Out voltage regulator (LDO)
and a mikro-
controller (MCU). When the MICRF620 and the MCU runs
on the same power supply (min 2.0, max. 2.5V), the IO
can be connected directly to the MCU. If the MCU needs a
higher VDD than the max. specified VDD of the MICRF620
(2.5V), voltage dividers need to be added on the IO lines
not to override the max. input voltage.
Figure 11 shows a recommended voltage divider circuit for
a MCU running at 3.0V and the MICRF620 at 2.5V.
3k3
18k
3k3
18k
3k3
18k
15k
MICRF6xx
MCU
CS
SCLK
IO
DATAIXO
DATACLK
LD
RSSI
CS
SCLK
IO
DATAIXO
DATACLK
LD
RSSI
Figure 12. How to connect MICRF620 (2.5V) and MCU (3.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com