Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 3 Page - NXP Semiconductors

  CLRC663 Datasheet HTML 1Page - NXP Semiconductors CLRC663 Datasheet HTML 2Page - NXP Semiconductors CLRC663 Datasheet HTML 3Page - NXP Semiconductors CLRC663 Datasheet HTML 4Page - NXP Semiconductors CLRC663 Datasheet HTML 5Page - NXP Semiconductors CLRC663 Datasheet HTML 6Page - NXP Semiconductors CLRC663 Datasheet HTML 7Page - NXP Semiconductors CLRC663 Datasheet HTML 8Page - NXP Semiconductors CLRC663 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
3 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
4.
Quick reference data
[1]
VDD(PVDD) must always be the same or lower voltage than VDD.
[2]
Ipd is the sum of all supply currents
[3]
IDD(TVDD) depends on VDD(TVDD) and the external circuitry connected to TX1 and TX2.
[4]
Typical value: Assumes the usage of a complementary driver configuration and an antenna matched to 40
 between pins TX1, TX2 at
13.56 MHz.
5.
Ordering information
[1]
Delivered in one tray, CLRC66301HN/TRAYB.
[2]
Delivered in five trays CLRC66301HN/TRAYBM.
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3
5
5.5
V
VDD(TVDD)
TVDD supply voltage
[1] 35
5.5
V
VDD(PVDD)
PVDD supply voltage
3
5
5.5
V
Ipd
power-down current
PDOWN pin pulled HIGH
[2] -
8
40
nA
IDD
supply current
-
17
20
mA
IDD(TVDD)
TVDD supply current
[3][4] -
100
200
mA
Tamb
ambient temperature
25
+25
+85
C
Tstg
storage temperature
no supply voltage applied
40
+25
+100
C
Table 2.
Ordering information
Type number
Package
Name
Description
Version
CLRC66301HN[1]
HVQFN32 plastic thermal enhanced very thin quad flat package; no leads;
32 terminals + 1 central ground; body 5
 5  0.85 mm
SOT617-1
CLRC66301HN[2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com