Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 3Page - NXP Semiconductors CLRC663 Datasheet HTML 4Page - NXP Semiconductors CLRC663 Datasheet HTML 5Page - NXP Semiconductors CLRC663 Datasheet HTML 6Page - NXP Semiconductors CLRC663 Datasheet HTML 7Page - NXP Semiconductors CLRC663 Datasheet HTML 8Page - NXP Semiconductors CLRC663 Datasheet HTML 9Page - NXP Semiconductors CLRC663 Datasheet HTML 10Page - NXP Semiconductors CLRC663 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
7 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.1 Interrupt controller
The interrupt controller handles the enabling/disabling of interrupt requests. All of the
interrupts can be configured by firmware. Additionally, the firmware has possibilities to
trigger interrupts or clear pending interrupt requests. Two 8-bit interrupt registers IRQ0
and IRQ1 are implemented, accompanied by two 8-bit interrupt enable registers IRQ0En
and IRQ1En. A dedicated functionality of bit 7 to set and clear bits 0 to 6 in this interrupt
controller registers is implemented.
The CLRC663 indicates certain events by setting bit IRQ in the register Status1Reg and
additionally, if activated, by pin IRQ. The signal on pin IRQ may be used to interrupt the
host using its interrupt handling capabilities. This allows the implementation of efficient
host software.
The following table shows the available interrupt bits, the corresponding source and the
condition for its activation. The interrupt bit TimernIrq in register IRQ1 indicates an
interrupt set by the timer unit. The setting is done if the timer underflows.
The TxIrq bit in register IRq0 indicates that the transmission is finished. If the state
changes from sending data to transmitting the end of the frame pattern, the transmitter
unit sets the interrupt bit automatically.
The bit RxIrq in register IRQ0 indicates an interrupt when the end of the received data is
detected.
The bit IdleIrq in register IRQ0 is set if a command finishes and the content of the
command register changes to idle.
The waterlevel defines both - minimum and maximum warning levels - counting from top
and from bottom of the FIFO by a single value.
The bit HiAlertIrq in register IRQ0 is set to logic 1 if the HiAlert bit is set to logic 1, that
means the FIFO data number has reached the top level as configured by the bit
WaterLevel.
The bit LoAlertIrq in register IRQ0 is set to logic 1 if the LoAlert bit is set to logic 1, that
means the FIFO data number has reached the bottom level as configured by the bit
WaterLevel.
The bit ErrIrq in register IRQ0 indicates an error detected by the contactless UART during
receive. This is indicated by any bit set to logic 1 in register Error.
The bit LPCDIrq in register IRQ0 indicates a card detected.
The bit RxSOFIrq in register IRQ0 indicates a detection of a SOF or a subcarrier by the
contactless UART during receiving.
The bit GlobalIRq in register IRQ1 indicates an interrupt occurring at any other interrupt
source when enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com