Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 69Page - NXP Semiconductors CLRC663 Datasheet HTML 70Page - NXP Semiconductors CLRC663 Datasheet HTML 71Page - NXP Semiconductors CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
73 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.6.4 RxColl
Receiver collision register.
Table 73.
RxColl register (address 0Dh);
Bit
7
6
5
4
3
2
1
0
Symbol
CollPosValid
CollPos
Access
rights
rr
Table 74.
RxColl bits
Bit
Symbol
Description
7
CollPos
Valid
If set to 1, the value of CollPos is valid. Otherwise no collision is detected or
the position of the collision is out of the range of bits CollPos.
6 to 0
CollPos
These bits show the bit position of the first detected collision in a received
frame (only data bits are interpreted). CollPos can only be displayed for the
first 8 bytes of a data stream.
Example:
00h indicates a bit collision in the 1st bit
01h indicates a bit collision in the 2nd bit
08h indicates a bit collision in the 9th bit (1st bit of 2nd byte)
3Fh indicates a bit collision in the 64th bit (8th bit of the 8th byte)
These bits shall only be interpreted in Passive communication mode at 106
kbit/s or ISO/IEC 14443A/MIFARE reader /writer mode or
ISO/IEC 15693/ICODE SLI read/write mode if bit CollPosValid is set.
Note: If RxBitCtrl.RxAlign is set to a value different to 0, this value is included
in the CollPos.
Example: RxAlign = 4h, a collision occurs in the 4th received bit (which is the
last bit of that UID byte). The CollPos = 7h in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com