Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7370 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 28Page - Maxim Integrated Products MAX7370 Datasheet HTML 29Page - Maxim Integrated Products MAX7370 Datasheet HTML 30Page - Maxim Integrated Products MAX7370 Datasheet HTML 31Page - Maxim Integrated Products MAX7370 Datasheet HTML 32Page - Maxim Integrated Products MAX7370 Datasheet HTML 33Page - Maxim Integrated Products MAX7370 Datasheet HTML 34Page - Maxim Integrated Products MAX7370 Datasheet HTML 35Page - Maxim Integrated Products MAX7370 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 32
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Table 29. COL4–COL7 Individual PWM Ratio Registers (0x50 to 0x53)
Table 30. COL4–COL7 LED Configuration Registers (0x54 to 0x57)
REGISTER DESCRIPTION
REGISTER DATA
D7
D6
D5
D4
D3
D2
D1
D0
PORT PWM
Power-up default setting
PORT PWM ratio is 0/256
0
0
0
0
0
0
0
0
PORT PWM ratio is 1/256
0
0
0
0
0
0
0
1
PORT PWM ratio is 2/256
0
0
0
0
0
0
1
0
PORT PWM ratio is 3/256
0
0
0
0
0
0
1
1
⋮
PORT PWM ratio is 252/256
1
1
1
1
1
1
0
0
PORT PWM ratio is 253/256
1
1
1
1
1
1
0
1
PORT PWM ratio is 254/256
1
1
1
1
1
1
1
0
PORT PWM ratio is 256/256 (100% duty cycle)
1
1
1
1
1
1
1
1
REGISTER BIT
DESCRIPTION
VALUE
FUNCTION
DEFAULT VALUE
D[7:6]
Don’t care
00
—
00
D5
Common PWM
0
Port uses individual PWM intensity register to set
the PWM ratio
0
1
Port uses common PWM intensity register to set
the PWM ratio
D[4:2]
Blink period
000
Port does not blink
000
001
Port blink period is 256ms
010
Port blink period is 512ms
011
Port blink period is 1024ms
100
Port blink period is 2048ms
101
Port blink period is 4096ms
110/111
Undefined
D[1:0]
Blink-on time
00
LED is on for 50% of the blink period
00
01
LED is on for 25% of the blink period
10
LED is on for 12.5% of the blink period
11
LED is on for 6.25% of the blink period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com