| Electronic Components Datasheet Search |
|
MAX7370 Datasheet(PDF) 33 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX7370 Datasheet(HTML) 33 Page - Maxim Integrated Products |
|
33 / 37 page ![]() ���������������������������������������������������������������� Maxim Integrated Products 33 MAX7370 8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection Table 31. Interrupt Mask 1 Register (0x58) Table 32. Interrupt Mask 2 Register (0x59) REGISTER BIT DESCRIPTION VALUE FUNCTION DEFAULT VALUE D7 ROW7 0 Interrupt is not masked 1 1 Interrupt is masked D6 ROW6 0 Interrupt is not masked 1 1 Interrupt is masked D5 ROW5 0 Interrupt is not masked 1 1 Interrupt is masked D4 ROW4 0 Interrupt is not masked 1 1 Interrupt is masked D3 ROW3 0 Interrupt is not masked 1 1 Interrupt is masked D2 ROW2 0 Interrupt is not masked 1 1 Interrupt is masked D1 ROW1 0 Interrupt is not masked 1 1 Interrupt is masked D0 ROW0 0 Interrupt is not masked 1 1 Interrupt is masked REGISTER BIT DESCRIPTION VALUE FUNCTION DEFAULT VALUE D7 COL7 0 Interrupt is not masked 1 1 Interrupt is masked D6 COL6 0 Interrupt is not masked 1 1 Interrupt is masked D5 COL5 0 Interrupt is not masked 1 1 Interrupt is masked D4 COL4 0 Interrupt is not masked 1 1 Interrupt is masked D3 COL3 0 Interrupt is not masked 1 1 Interrupt is masked D2 COL2 0 Interrupt is not masked 1 1 Interrupt is masked D1 COL1 0 Interrupt is not masked 1 1 Interrupt is masked D0 COL0 0 Interrupt is not masked 1 1 Interrupt is masked |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |