Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7370 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7370 Datasheet HTML 1Page - Maxim Integrated Products MAX7370 Datasheet HTML 2Page - Maxim Integrated Products MAX7370 Datasheet HTML 3Page - Maxim Integrated Products MAX7370 Datasheet HTML 4Page - Maxim Integrated Products MAX7370 Datasheet HTML 5Page - Maxim Integrated Products MAX7370 Datasheet HTML 6Page - Maxim Integrated Products MAX7370 Datasheet HTML 7Page - Maxim Integrated Products MAX7370 Datasheet HTML 8Page - Maxim Integrated Products MAX7370 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
����������������������������������������������������������������� Maxim Integrated Products 5
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Typical Operating Characteristics
(VCC = 2.5V, VLA = 2.5V, TA = +25NC, unless otherwise noted.)
GPO OUTPUT LOW VOLTAGE
vs. SINK CURRENT (COL7–COL4)
SINK CURRENT (mA)
18
16
14
12
10
8
6
4
2
20
40
60
80
100
120
0
0
20
VCC = 2.4V
TA = +85°C
TA = +25°C
TA = -40°C
GPO OUTPUT LOW VOLTAGE
vs. SINK CURRENT (COL7–COL4)
SINK CURRENT (mA)
18
16
14
12
10
8
6
4
2
20
40
60
80
100
120
0
0
20
VCC = 3.0V
TA = +85°C
TA = +25°C
TA = -40°C
GPO OUTPUT LOW VOLTAGE
vs. SINK CURRENT (COL7–COL4)
SINK CURRENT (mA)
18
16
14
12
10
8
6
4
2
20
40
60
80
100
120
0
0
20
VCC = 3.6V
TA = +85°C
TA = +25°C
TA = -40°C
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
35
40
45
50
55
60
30
1.6
3.6
AUTOSLEEP = OFF
TA = +85°C
TA = +25°C
TA = -40°C
KEY-SWITCH SOURCE CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
24.5
25.0
25.5
26.0
26.5
27.0
24.0
1.6
3.6
VCOL0 = 0V
TA = +85°C
TA = +25°C
TA = -40°C
SLEEP-MODE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
3.6
TA = +85°C
TA = +25°C
TA = -40°C
CONSTANT-CURRENT GPIO OUTPUT SINK
CURRENT vs. OUTPUT VOLTAGE (COL7–COL4)
OUTPUT VOLTAGE (V)
2.5
2.0
1.5
1.0
0.5
5
10
15
20
25
0
0
3.0
VCC = 2.4V
TA = +85°C
TA = +25°C
TA = -40°C
CONSTANT-CURRENT GPIO OUTPUT SINK
CURRENT vs. OUTPUT VOLTAGE (COL7–COL4)
OUTPUT VOLTAGE (V)
2.5
2.0
1.5
1.0
0.5
5
10
15
20
25
0
0
3.0
VCC = 3.0V
TA = +85°C
TA = +25°C
TA = -40°C
CONSTANT-CURRENT GPIO OUTPUT SINK
CURRENT vs. OUTPUT VOLTAGE (COL7–COL4)
OUTPUT VOLTAGE (V)
2.5
2.0
1.5
1.0
0.5
5
10
15
20
25
0
0
3.0
VCC = 3.6V
TA = +85°C
TA = +25°C
TA = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com