Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD586 Datasheet(PDF) 4 Page - Analog Devices

Part # AD586
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 4 Page - Analog Devices

  AD586 Datasheet HTML 1Page - Analog Devices AD586 Datasheet HTML 2Page - Analog Devices AD586 Datasheet HTML 3Page - Analog Devices AD586 Datasheet HTML 4Page - Analog Devices AD586 Datasheet HTML 5Page - Analog Devices AD586 Datasheet HTML 6Page - Analog Devices AD586 Datasheet HTML 7Page - Analog Devices AD586 Datasheet HTML 8Page - Analog Devices AD586 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD5735
Data Sheet
Rev. B | Page 4 of 48
SPECIFICATIONS
AVDD = VBOOST_x = 15 V; AVSS = −15 V; DVDD = 2.7 V to 5.5 V; AVCC = 4.5 V to 5.5 V; dc-to-dc converter disabled; AGND = DGND =
GNDSWx = 0 V; REFIN = 5 V; voltage outputs: RL = 1 kΩ, CL = 220 pF; current outputs: RL = 300 Ω; all specifications TMIN to TMAX,
unless otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE OUTPUT
Output Voltage Ranges
0
5
V
0
10
V
−5
+5
V
−10
+10
V
0
6
V
0
12
V
−6
+6
V
−12
+12
V
Resolution
12
Bits
ACCURACY, VOLTAGE OUTPUT
Total Unadjusted Error (TUE)
−0.09
±0.012
+0.09
% FSR
0 V to 5 V, 0 V to 10 V, ±5 V, ±10 V ranges
−0.13
±0.05
+0.13
% FSR
On overranges (0 V to 6 V, 0 V to 12 V, ±6 V, ±12 V)
TUE Long-Term Stability
35
ppm FSR
Drift after 1000 hours, TJ = 150°C
Relative Accuracy (INL)
−0.032
±0.006
+0.032
% FSR
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Zero-Scale Error
−0.05
±0.004
+0.05
% FSR
0 V to 5 V, 0 V to 10 V ranges
−0.08
±0.004
+0.08
% FSR
On overranges (0 V to 6 V, 0 V to 12 V)
Zero-Scale TC2
±2
ppm FSR/°C
Bipolar Zero Error
−0.05
±0.003
+0.05
% FSR
±5 V, ±10 V ranges
−0.08
±0.03
+0.08
% FSR
On overranges (±6 V, ±12 V)
Bipolar Zero TC2
±2
ppm FSR/°C
Offset Error
−0.065
±0.005
+0.065
% FSR
0 V to 5 V, 0 V to 10 V, ±5 V, ±10 V ranges
−0.09
±0.03
+0.09
% FSR
On overranges (0 V to 6 V, 0 V to 12 V, ±6 V, ±12 V)
Offset TC2
±2
ppm FSR/°C
Gain Error
−0.08
±0.004
+0.08
% FSR
0 V to 5 V, 0 V to 10 V, ±5 V, ±10 V ranges
−0.15
±0.004
+0.15
% FSR
On overranges (0 V to 6 V, 0 V to 12 V, ±6 V, ±12 V)
Gain TC2
±3
ppm FSR/°C
Full-Scale Error
−0.09
±0.01
+0.09
% FSR
0 V to 5 V, 0 V to 10 V, ±5 V, ±10 V ranges
−0.13
±0.05
+0.13
% FSR
On overranges (0 V to 6 V, 0 V to 12 V, ±6 V, ±12 V)
Full-Scale TC2
±2
ppm FSR/°C
OUTPUT CHARACTERISTICS,
VOLTAGE OUTPUT2
Headroom
1
2.2
V
With respect to VBOOST supply
Footroom
1
1.4
V
With respect to the AVSS supply
Output Voltage Drift vs. Time
20
ppm FSR
Drift after 1000 hours, ¾ scale output, TJ = 150°C,
AVSS = −15 V
Short-Circuit Current
12/6
16/8
mA
Programmable by user; defaults to 16 mA typical
Resistive Load
1
kΩ
For specified performance
Capacitive Load Stability
10
nF
2
µF
External 220 pF compensation capacitor connected
DC Output Impedance
0.06
Ω
DC PSRR
50
µV/V
DC Crosstalk
24
µV
CURRENT OUTPUT
Output Current Ranges
0
24
mA
0
20
mA
4
20
mA
Resolution
12
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com