Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD586 Datasheet(PDF) 6 Page - Analog Devices

Part # AD586
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD586 Datasheet HTML 2Page - Analog Devices AD586 Datasheet HTML 3Page - Analog Devices AD586 Datasheet HTML 4Page - Analog Devices AD586 Datasheet HTML 5Page - Analog Devices AD586 Datasheet HTML 6Page - Analog Devices AD586 Datasheet HTML 7Page - Analog Devices AD586 Datasheet HTML 8Page - Analog Devices AD586 Datasheet HTML 9Page - Analog Devices AD586 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD5735
Data Sheet
Rev. B | Page 6 of 48
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER
Switch
Switch On Resistance
0.425
Ω
Switch Leakage Current
10
nA
Peak Current Limit
0.8
A
Oscillator
Oscillator Frequency
11.5
13
14.5
MHz
This oscillator is divided down to provide the
dc-to-dc converter switching frequency
Maximum Duty Cycle
89.6
%
At 410 kHz dc-to-dc switching frequency
DIGITAL INPUTS2
JEDEC compliant
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Input Current
−1
+1
µA
Per pin
Pin Capacitance
2.6
pF
Per pin
DIGITAL OUTPUTS2
SDO, ALERT Pins
Output Low Voltage, VOL
0.4
V
Sinking 200 µA
Output High Voltage, VOH
DVDD − 0.5
V
Sourcing 200 µA
High Impedance Leakage Current
−1
+1
µA
High Impedance Output
Capacitance
2.5
pF
FAULT Pin
Output Low Voltage, VOL
0.4
V
10 kΩ pull-up resistor to DVDD
0.6
V
At 2.5 mA
Output High Voltage, VOH
3.6
V
10 kΩ pull-up resistor to DVDD
POWER REQUIREMENTS
AVDD
9
33
V
AVSS
−26.4
−10.8
V
DVDD
2.7
5.5
V
AVCC
4.5
5.5
V
AIDD
8.6
10.5
mA
Voltage output mode on all channels, outputs
unloaded, over supplies
7
7.5
mA
Current output mode on all channels
AISS
−11
−8.8
mA
Voltage output mode on all channels, outputs
unloaded, over supplies
−1.7
mA
Current output mode on all channels
DICC
9.2
11
mA
VIH = DVDD, VIL = DGND, internal oscillator running,
over supplies
AICC
1
mA
Outputs unloaded, over supplies
IBOOST5
2.7
mA
Per channel, voltage output mode, outputs
unloaded, over supplies
1
mA
Per channel, current output mode
Power Dissipation
173
mW
AVDD = 15 V, AVSS = −15 V, dc-to-dc converter
enabled, current output mode, outputs disabled
1
Temperature range: −40°C to +105°C; typical at +25°C.
2
Guaranteed by design and characterization; not production tested.
3
For current outputs with internal RSET, the offset, full-scale, and TUE measurements exclude dc crosstalk. The measurements are made with all four channels enabled
and loaded with the same code.
4
See the Current Output Mode with Internal RSET section for more information about dc crosstalk.
5
Efficiency plots in Figure 53 through Figure 56 include the IBOOST quiescent current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com