Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD586 Datasheet(PDF) 7 Page - Analog Devices

Part # AD586
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD586 Datasheet HTML 3Page - Analog Devices AD586 Datasheet HTML 4Page - Analog Devices AD586 Datasheet HTML 5Page - Analog Devices AD586 Datasheet HTML 6Page - Analog Devices AD586 Datasheet HTML 7Page - Analog Devices AD586 Datasheet HTML 8Page - Analog Devices AD586 Datasheet HTML 9Page - Analog Devices AD586 Datasheet HTML 10Page - Analog Devices AD586 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Data Sheet
AD5735
Rev. B | Page 7 of 48
AC PERFORMANCE CHARACTERISTICS
AVDD = VBOOST_x = 15 V; AVSS = −15 V; DVDD = 2.7 V to 5.5 V; AVCC = 4.5 V to 5.5 V; dc-to-dc converter disabled; AGND = DGND =
GNDSWx = 0 V; REFIN = 5 V; voltage outputs: RL = 2 kΩ, CL = 220 pF; current outputs: RL = 300 Ω; all specifications TMIN to TMAX,
unless otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE, VOLTAGE
OUTPUT
Output Voltage Settling Time
11
µs
5 V step to ±0.03% FSR, 0 V to 5 V range
18
µs
10 V step to ±0.03% FSR, 0 V to 10 V range
Slew Rate
1.9
V/µs
0 V to 10 V range
Power-On Glitch Energy
150
nV-sec
Digital-to-Analog Glitch Energy
6
nV-sec
Glitch Impulse Peak Amplitude
25
mV
Digital Feedthrough
1
nV-sec
DAC-to-DAC Crosstalk
2
nV-sec
0 V to 10 V range
Output Noise (0.1 Hz to 10 Hz
Bandwidth)
0.01
LSB p-p
12-bit LSB, 0 V to 10 V range
Output Noise Spectral Density
150
nV/√Hz
Measured at 10 kHz, midscale output, 0 V to
10 V range
AC PSRR
83
dB
200 mV, 50 Hz/60 Hz sine wave superimposed
on power supply voltage
DYNAMIC PERFORMANCE, CURRENT
OUTPUT
Output Current Settling Time
15
µs
To 0.1% FSR, 0 mA to 24 mA range
See Test Conditions/Comments
ms
For settling times when using the dc-to-dc con-
verter, see Figure 47, Figure 48, and Figure 49
Output Noise (0.1 Hz to 10 Hz
Bandwidth)
0.01
LSB p-p
12-bit LSB, 0 mA to 24 mA range
Output Noise Spectral Density
0.5
nA/√Hz
Measured at 10 kHz, midscale output, 0 mA
to 24 mA range
1
Guaranteed by design and characterization; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com