Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7880 Datasheet(PDF) 70 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 66Page - Analog Devices ADE7880 Datasheet HTML 67Page - Analog Devices ADE7880 Datasheet HTML 68Page - Analog Devices ADE7880 Datasheet HTML 69Page - Analog Devices ADE7880 Datasheet HTML 70Page - Analog Devices ADE7880 Datasheet HTML 71Page - Analog Devices ADE7880 Datasheet HTML 72Page - Analog Devices ADE7880 Datasheet HTML 73Page - Analog Devices ADE7880 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 70 of 104
The VANOLOAD register usually contains the same value
as the APNOLOAD register. When APNOLOAD and
VANOLOAD are set to 0x0, the no load detection circuit
is disabled. If only VANOLOAD is set to 0, then the no load
condition is triggered based only on the total active power
being lower than APNOLOAD. In the same way, if only
APNOLOAD is set to 0x0, the no load condition is triggered
based only on the apparent power being lower than VANOLOAD.
Bit 0 (NLOAD) in the STATUS1 register is set when a no load
condition in one of the three phases is triggered. Bits[2:0]
(NLPHASE[2:0]) in the PHNOLOAD register indicate the state
of all phases relative to a no load condition and are set simulta-
neously with Bit NLOAD in the STATUS1 register. NLPHASE[0]
indicates the state of Phase A, NLPHASE[1] indicates the state
of Phase B, and NLPHASE[2] indicates the state of Phase C.
When Bit NLPHASE[x] is cleared to 0, it means the phase is out
of a no load condition. When set to 1, it means the phase is in a
no load condition.
An interrupt attached to Bit 0 (NLOAD) in the STATUS1
register can be enabled by setting Bit 0 in the MASK1 register.
If enabled, the IRQ1 pin is set to low, and the status bit is set
to 1 whenever one of three phases enters or exits this no load
condition. To find the phase that triggered the interrupt, the
PHNOLOAD register is read immediately after reading the
STATUS1 register. Next, the status bit is cleared, and the IRQ1
pin is set to high by writing to the STATUS1 register with the
corresponding bit set to 1.
No Load Detection Based on Fundamental Active and
Reactive Powers
This no load condition is triggered when no less significant bits
are accumulated into the fundamental active and reactive energy
registers on one phase (xFWATTHR and xFVARHR, x = A, B,
or C) for a time indicated in the respective APNOLOAD and
VARNOLOAD unsigned 16-bit registers. In this case, the
fundamental active and reactive energies of that phase are not
accumulated and no CFx pulses are generated based on these
energies. APNOLOAD is the same no load threshold set for
the total active powers. The VARNOLOAD register usually
contains the same value as the APNOLOAD register. If only
APNOLOAD is set to 0x0, then the fundamental active power
is accumulated without restriction. In the same way, if only
VARNOLOAD is set to 0x0, the fundamental reactive power is
accumulated without restriction.
Bit 1 (FNLOAD) in the STATUS1 register is set when this no
load condition in one of the three phases is triggered. Bits[5:3]
(FNLPHASE[2:0]) in the PHNOLOAD register indicate the
state of all phases relative to a no load condition and are set
simultaneously with Bit FNLOAD in the STATUS1 register.
FNLPHASE[0] indicates the state of Phase A, FNLPHASE[1]
indicates the state of Phase B, and FNLPHASE[2] indicates the
state of Phase C. When Bit FNLPHASE[x] is cleared to 0, it
means the phase is out of the no load condition. When set to 1,
it means the phase is in a no load condition.
An interrupt attached to the Bit 1 (FNLOAD) in the STATUS1
register can be enabled by setting Bit 1 in the MASK1 register. If
enabled, the IRQ1 pin is set low and the status bit is set to 1
whenever one of three phases enters or exits this no load
condition. To find the phase that triggered the interrupt, the
PHNOLOAD register is read immediately after reading the
STATUS1 register. Then the status bit is cleared and the IRQ1
pin is set back high by writing to the STATUS1 register with the
corresponding bit set to 1.
No Load Detection Based on Apparent Power
This no load condition is triggered when no less significant bits
are accumulated into the apparent energy register on one phase
(xVAHR, x = A, B, or C) for a time indicated by the VANOLOAD
unsigned 16-bit register. In this case, the apparent energy of that
phase is not accumulated and no CFx pulses are generated based
on this energy.
The equation used to compute the VANOLOAD unsigned
16-bit value is
PMAX
VATHR
Y
VANOLOAD
17
16
2
2
×
×
=
(51)
where:
Y is the required no load current threshold computed relative to
full scale. For example, if the no load threshold current is set
10,000 times lower than full scale value, then Y=10,000.
VATHR is the VATHR register used as the threshold of the first
stage energy accumulator (see Apparent Energy Calculation
section) PMAX = 27,059,678 = 0x19CE5DE, the instantaneous
apparent power computed when the ADC inputs are at full
scale. When the VANOLOAD register is set to 0x0, the no load
detection circuit is disabled.
Bit 2 (VANLOAD) in the STATUS1 register is set when this no
load condition in one of the three phases is triggered. Bits[8:6]
(VANLPHASE[2:0]) in the PHNOLOAD register indicate the
state of all phases relative to a no load condition and they are set
simultaneously with Bit VANLOAD in the STATUS1 register:
Bit VANLPHASE[0] indicates the state of Phase A.
Bit VANLPHASE[1] indicates the state of Phase B.
Bit VANLPHASE[2] indicates the state of Phase C.
When Bit VANLPHASE[x] is cleared to 0, it means the phase is
out of no load condition. When set to 1, it means the phase is in
no load condition.
An interrupt attached to Bit 2 (VANLOAD) in the STATUS1
register is enabled by setting Bit 2 in the MASK1 register. If
enabled, the IRQ1 pin is set low and the status bit is set to 1
whenever one of three phases enters or exits this no load
condition. To find the phase that triggered the interrupt, the
PHNOLOAD register is read immediately after reading the
STATUS1 register. Next, the status bit is cleared, and the IRQ1
pin is set to high by writing to the STATUS1 register with the
corresponding bit set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com