Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4196BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4196BCPZ
Description  Low Phase Noise, Fast Settling, 6 GHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4196BCPZ Datasheet HTML 6Page - Analog Devices ADF4196BCPZ Datasheet HTML 7Page - Analog Devices ADF4196BCPZ Datasheet HTML 8Page - Analog Devices ADF4196BCPZ Datasheet HTML 9Page - Analog Devices ADF4196BCPZ Datasheet HTML 10Page - Analog Devices ADF4196BCPZ Datasheet HTML 11Page - Analog Devices ADF4196BCPZ Datasheet HTML 12Page - Analog Devices ADF4196BCPZ Datasheet HTML 13Page - Analog Devices ADF4196BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADF4196
Data Sheet
Rev. B | Page 10 of 28
FREQUENCY (Hz)
1k
10k
100k
1M
1
10
100
1000
10M
7nV/ Hz @ 20kHz
Figure 16. Voltage Noise Density Measured at the
Differential Amplifier Output
DRAIN VOLTAGE (V)
0
1
2
3
4
0
100
70
90
80
60
50
40
30
20
10
5
+85°C
SW3
–40°C
+25°C
–40°C
+25°C
+85°C
SW1,
SW2
TUNING VOLTAGE RANGE
Figure 17. On Resistance of the SW1, SW2, and SW3 Loop Filter Switches
PHASE CODE
0
0
1.8
1.5
1.2
0.9
0.6
0.3
130
117
104
91
78
65
52
39
26
13
MEASURED USING AD8302 PHASE DETECTOR
Y-AXIS SCALE: 10mV/DEGREE
RF = 1880MHz, PFD = 26MHz, MOD = 130
X-AXIS SCALE: 2.77°/STEP
Figure 18. Detected RF Output Phase for Phase Code Sweep from 0 to MOD
INTERVAL BETWEEN R0 WRITES SHOULD BE A MULTIPLE OF MOD
REFERENCE CYCLES (5µs) FOR COHERENT PHASE MEASUREMENTS
SIGNAL
GENERATOR
OSCILLOSCOPE
ADF4193
EVAL BOARD
104MHz
5dBm
10MHz
EXT REF
1880MHz
1805MHz
1880MHz
RFOUT
REFIN
SIGNAL
GENERATOR
INPA
AD8302
EVB
VPHS
INPB
Figure 19. Test Setup for Phase Lock Time Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com