Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4196BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADF4196BCPZ
Description  Low Phase Noise, Fast Settling, 6 GHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF4196BCPZ Datasheet HTML 8Page - Analog Devices ADF4196BCPZ Datasheet HTML 9Page - Analog Devices ADF4196BCPZ Datasheet HTML 10Page - Analog Devices ADF4196BCPZ Datasheet HTML 11Page - Analog Devices ADF4196BCPZ Datasheet HTML 12Page - Analog Devices ADF4196BCPZ Datasheet HTML 13Page - Analog Devices ADF4196BCPZ Datasheet HTML 14Page - Analog Devices ADF4196BCPZ Datasheet HTML 15Page - Analog Devices ADF4196BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADF4196
Data Sheet
Rev. B | Page 12 of 28
PFD AND CHARGE PUMP
The PFD takes inputs from the R divider and N divider and
produces up and down outputs with a pulse width difference
that is proportional to the phase difference between the inputs.
The charge pump outputs a net up or down current pulse of
a width that is equal to this difference, to pump up or pump down
the voltage that is integrated into the loop filter, which in turn
increases or decreases the VCO output frequency. If the N divider
phase lags the R divider phase, a net up-current pulse is produced
that increases the VCO frequency (and, thus, the phase). If the
N divider phase leads the R divider edge, a net down-current
pulse is produced to reduce the VCO frequency and phase.
Figure 23 is a simplified schematic of the PFD and charge pump.
The charge pump is made up of an array of 64 identical cells,
each of which is fully differential. All 64 cells are active during
fast lock, and only one cell is active during normal operation.
Because a single-ended control voltage is required to tune the VCO,
an on-chip differential-to-single-ended amplifier is provided for
this purpose. In addition, because the phase-locked loop controls
only the differential voltage generated across the charge pump
outputs, an internal common-mode feedback (CMFB) loop
biases the charge pump outputs at a common-mode voltage of
approximately 2 V.
CLR
Q
D
R DIVIDER
N DIVIDER
CHARGE
PUMP
ARRAY
[64:1]
CMFB
EN[64:1]
CLR
Q
D
CPOUT+
CPOUT–
Figure 23. PFD and Differential Charge Pump Simplified Schematic
DIFFERENTIAL CHARGE PUMP
The charge pump cell has a fully differential design for best up-
to-down current matching (see Figure 24). Good matching is
essential to minimize the phase offset created when switching
the charge pump current from its high value (in fast lock mode)
to its nominal value (in normal mode).
To pump up, the up switches are on, and the PMOS current sources
out through CPOUT+, which increases the voltage on the external
loop filter capacitors that are connected to CPOUT+. Similarly, the
NMOS current sink on CPOUT− decreases the voltage on the
external loop filter capacitors that are connected to CPOUT−.
Therefore, the differential voltage between CPOUT+ and CPOUT−
increases.
To pump down, PMOS current sources out through CPOUT− and
NMOS current sinks in through CPOUT+, which decreases the
(CPOUT+, CPOUT−) differential voltage. The charge pump up/down
matching is improved by an order of magnitude over the
conventional single-ended charge pump that depends on the
matching of two different device types. The up/down matching
in this structure depends on how a PMOS matches a PMOS,
and how an NMOS matches an NMOS.
VBIAS P
P
P
N
N
UP
DOWN
DOWN
UP
VBIAS N
CPOUT+
CPOUT–
Figure 24. Differential Charge Pump Cell
with External Loop Filter Components
FAST LOCK TIMEOUT COUNTERS
Timeout counters, clocked at one-quarter of the PFD reference
frequency, are provided to precisely control the fast locking
operation (see Figure 25). When a new frequency is programmed,
the fast lock timers start and the PLL locks into wide bandwidth
mode with the 64 identical 100 µA charge pump cells active (for a
total of 6.4 mA).
When the ICP counter times out, the charge pump current is
reduced to 1× by deselecting cells in binary steps over the next
six timer clock cycles, until only one 100 µA cell is active. The
switching of the charge pump current, from 6.4 mA to 100 µA,
equates to an 8-to-1 change in loop bandwidth; when this happens,
the loop filter must be changed to ensure stability. The SW1,
SW2, and SW3 switches change the loop filter.
The applications circuit shown in Figure 37 shows how the
switches can be used to reconfigure the loop filter time constants.
They close to short out external loop filter resistors during fast lock
and open when their counters time out to restore the filter time
constants to their normal values for the 100 µA charge pump
current. Because it takes six timer clock cycles to reduce the
charge pump current to 1×, it is recommended that both switch
timers be pro-grammed to the value of the ICP timer plus 7.
SW1/SW2
TIMEOUT
COUNTER
SW3
TIMEOUT
COUNTER
ICP
TIMEOUT
COUNTER
EN[64:1]
÷4
START
fPFD
SW3
AOUT
SW2
SWGND
SW1
WRITE
TO R0
CHARGE PUMP
ENABLE LOGIC
Figure 25. Fast Lock Timeout Counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com