Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4196BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADF4196BCPZ
Description  Low Phase Noise, Fast Settling, 6 GHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF4196BCPZ Datasheet HTML 15Page - Analog Devices ADF4196BCPZ Datasheet HTML 16Page - Analog Devices ADF4196BCPZ Datasheet HTML 17Page - Analog Devices ADF4196BCPZ Datasheet HTML 18Page - Analog Devices ADF4196BCPZ Datasheet HTML 19Page - Analog Devices ADF4196BCPZ Datasheet HTML 20Page - Analog Devices ADF4196BCPZ Datasheet HTML 21Page - Analog Devices ADF4196BCPZ Datasheet HTML 22Page - Analog Devices ADF4196BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADF4196
Rev. B | Page 19 of 28
CHARGE PUMP REGISTER (R4) LATCH MAP
DB23
0
DB22
0
DB21
0
DB20
0
DB19
0
DB18
0
DB17
0
DB16
0
DB15
0
DB14
1
DB13
C9
DB12
C8
DB11
C7
DB10
C6
DB9
C5
DB8
C4
DB7
C3
DB6
C2
DB5
C1
DB4
F2
DB3
F1
DB2
C3 (1)
DB1
C2 (0)
DB0
C1 (0)
9-BIT TIMEOUT COUNTER
RESERVED
CONTROL
BITS
TIMER
SELECT
0
0
1
1
F2
0
1
0
1
F1
SW1/SW2
SW3
ICP
NOT USED
TIMER SELECT
C9
0
0
0
0
.
.
.
1
1
1
1
C8
0
0
0
0
.
.
.
1
1
1
1
C7
0
0
0
0
.
.
.
1
1
1
1
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
C3
0
0
0
0
.
.
.
1
1
1
1
C2
0
0
1
1
.
.
.
0
0
1
1
C1
0
1
0
1
.
.
.
0
1
0
1
TIMEOUT COUNTER
0
1
2
3
.
.
.
508
509
510
511
xPFD CYCLES
0
4
8
12
.
.
.
2032
2036
2040
2044
DELAY µs1
0
0.15
0.30
0.46
.
.
.
78.15
78.30
78.46
78.61
1DELAY WITH 26MHz PFD
Figure 33. Bit Map for Register R4
R4, the charge pump register, is used for programming the timers
for loop filter switches. These switches help maintain the stability
of the loop filter after boosting the charge pump current.
Control Bits
Register R4 is selected with C3, C2, and C1 (Bits[DB2:DB0]) set
to 1, 0, 0.
Reserved Bits
For normal operation, set the DB23 to DB14 reserved bits to
a hexadecimal code of 0x001.
9-Bit Timeout Counter
These bits are used to program the fast lock timeout counters.
The counters are clocked at one-quarter the PFD reference
frequency; therefore, their time delay scales with the PFD
frequency according to the following equation:
Delay(s) = (Timeout Counter Value × 4)/(PFD Frequency)
For example, if 35 is loaded with timer select = 00, with
a 13 MHz PFD, SW1 and SW2 switch after the following:
(35 × 4)/13 MHz = 10.8 µs
Timer Select
The two timer select bits select the timeout counter that is to
be programmed. Note that setting up the ADF4196 for correct
operation requires setup of these three timeout counters: ICP,
SW1/SW2, and SW3. Therefore, three writes to this register
are required in the initialization sequence. Table 7 shows
example values for a GSM Tx synthesizer with a 60 kHz final
loop bandwidth. See the Applications Information section for
more information.
Table 7. Recommended Values for a GSM Tx LO
Timer
Select
Timeout
Counter
Value
Time (µs) with
PFD = 13 MHz
10
ICP
28
8.6
01
SW3
35
10.8
00
SW1/SW2
35
10.8
On each write to R0, the timeout counters start. Switch SW3 closes
until the SW3 counter times out. Similarly, the SW1 and SW2
switches close until the SW1/SW2 counter times out. When the
ICP counter times out, the charge pump current is ramped down
from 64× to 1× in six binary steps. It is recommended that the
SW1/SW2 and SW3 timeout counter values be set equal to the
ICP timeout counter value plus 7, as in the example shown in
Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com