Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5367 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5367
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 5 Page - Analog Devices

  ADL5367 Datasheet HTML 1Page - Analog Devices ADL5367 Datasheet HTML 2Page - Analog Devices ADL5367 Datasheet HTML 3Page - Analog Devices ADL5367 Datasheet HTML 4Page - Analog Devices ADL5367 Datasheet HTML 5Page - Analog Devices ADL5367 Datasheet HTML 6Page - Analog Devices ADL5367 Datasheet HTML 7Page - Analog Devices ADL5367 Datasheet HTML 8Page - Analog Devices ADL5367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADL5363
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage, VS
5.5 V
RF Input Level
20 dBm
LO Input Level
13 dBm
IFOP, IFON Bias Voltage
6.0 V
VGS0, VGS1, LOSW, PWDN
5.5 V
Internal Power Dissipation
0.5 W
Thermal Resistance, θJA
25°C/W
Temperature
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com