Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5367 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5367
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5367 Datasheet HTML 5Page - Analog Devices ADL5367 Datasheet HTML 6Page - Analog Devices ADL5367 Datasheet HTML 7Page - Analog Devices ADL5367 Datasheet HTML 8Page - Analog Devices ADL5367 Datasheet HTML 9Page - Analog Devices ADL5367 Datasheet HTML 10Page - Analog Devices ADL5367 Datasheet HTML 11Page - Analog Devices ADL5367 Datasheet HTML 12Page - Analog Devices ADL5367 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADL5363
Rev. 0 | Page 9 of 24
VS = 5 V, IS = 100 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2738 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
120
115
105
100
85
90
95
110
80
30
80
130
180
230
280
430
380
330
IF FREQUENCY (MHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 13. Supply Current vs. IF Frequency
8.4
8.2
8.0
7.8
7.2
7.4
7.6
7.0
30
80
130
180
230
280
430
380
330
IF FREQUENCY (MHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 14. Power Conversion Loss vs. IF Frequency
41
38
35
32
23
26
29
20
30
80
130
180
230
280
430
380
330
IF FREQUENCY (MHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 15. Input IP3 vs. IF Frequency
100
90
80
70
50
60
40
30
80
130
180
230
280
430
380
330
IF FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 16. Input IP2 vs. IF Frequency
10.0
9.5
9.0
7.5
7.0
6.5
8.0
8.5
6.0
30
80
130
180
230
280
430
380
330
IF FREQUENCY (MHz)
Figure 17. SSB Noise Figure vs. IF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com