Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5367 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5367
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 1 Page - Analog Devices

  ADL5367 Datasheet HTML 1Page - Analog Devices ADL5367 Datasheet HTML 2Page - Analog Devices ADL5367 Datasheet HTML 3Page - Analog Devices ADL5367 Datasheet HTML 4Page - Analog Devices ADL5367 Datasheet HTML 5Page - Analog Devices ADL5367 Datasheet HTML 6Page - Analog Devices ADL5367 Datasheet HTML 7Page - Analog Devices ADL5367 Datasheet HTML 8Page - Analog Devices ADL5367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2300 MHz to 2900 MHz Balanced Mixer,
LO Buffer and RF Balun
ADL5363
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
RF frequency range of 2300 MHz to 2900 MHz
IF frequency range of dc to 450 MHz
Power conversion loss: 7.7 dB
SSB noise figure of 7.6 dB
Input IP3 of 31 dBm
Typical LO drive of 0 dBm
Single-ended, 50 Ω RF and LO input ports
High isolation SPDT LO input switch
Single-supply operation: 3.3 V to 5 V
Exposed pad, 5 mm × 5 mm 20-lead LFCSP
1500 V HBM/1250 V FICDM ESD performance
APPLICATIONS
Cellular base station receivers
Transmit observation receivers
Radio link downconverters
GENERAL DESCRIPTION
The ADL5363 uses a highly linear, doubly balanced passive
mixer core along with integrated RF and local oscillator (LO)
balancing circuitry to allow for single-ended operation. The
ADL5363 incorporates an RF balun to provide optimal
performance over a 2300 MHz to 2900 MHz input frequency
range. The balanced passive mixer arrangement provides good
LO-to-RF leakage, typically better than −30 dBm, and excellent
intermodulation performance. The balanced mixer core also
provides extremely high input linearity, allowing the device to
be used in demanding cellular applications where in-band
blocking signals might otherwise result in the degradation of
dynamic performance.
FUNCTIONAL BLOCK DIAGRAM
2
3
1
20
19
18
17
16
6
7
8
9
10
4
5
14
13
15
12
BIAS
GENERATOR
VPMX
RFIN
RFCT
COMM
COMM
LOI2
VPSW
VGS1
VGS0
LOI1
VCMI
IFOP
IFON
PWDN
COMM
VLO3
LGM3
VLO2
LOSW
NC
ADL5363
NC = NO CONNECT
11
Figure 1.
The ADL5363 provides two switched LO paths that can be used
in TDD applications where it is desirable to rapidly switch between
two local oscillators. LO current can be externally set using a
resistor to minimize dc current commensurate with the desired
level of performance. For low voltage applications, the ADL5363 is
capable of operation at voltages down to 3.3 V with substantially
reduced current. For low voltage operation, an additional logic
pin is provided to power down (<200 μA) the circuit when desired.
The ADL5363 is fabricated using a BiCMOS high performance
IC process. The device is available in a 5 mm × 5 mm, 20-lead
LFCSP and operates over a −40°C to +85°C temperature range.
An evaluation board is also available.
Table 1. Passive Mixers
RF Frequency (MHz)
Single
Mixer
Single Mixer
and IF Amp
Dual Mixer
and IF Amp
500 to 1700
ADL5367
ADL5357
ADL5358
1200 to 2500
ADL5365
ADL5355
ADL5356
2300 to 2900
ADL5363
ADL5353
ADL5354


Similar Part No. - ADL5367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5367 AD-ADL5367 Datasheet
578Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5367 AD-ADL5367 Datasheet
486Kb / 23P
300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
5/16-Rev. 0 to Rev. A
ADL5367 AD-ADL5367 Datasheet
438Kb / 24P
2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
ADL5367-EVALZ AD-ADL5367-EVALZ Datasheet
578Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5367ACPZ-R7 AD-ADL5367ACPZ-R7 Datasheet
578Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
More results

Similar Description - ADL5367

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX190H-1225 MACOM-MA4EX190H-1225 Datasheet
120Kb / 3P
Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
MA4EX190L-1225 MACOM-MA4EX190L-1225 Datasheet
126Kb / 4P
Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
MA4EX190H1-1225T MACOM-MA4EX190H1-1225T Datasheet
90Kb / 3P
Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EXP190H-1225 MACOM-MA4EXP190H-1225 Datasheet
104Kb / 4P
Silicon Double Balanced HMIC Mixer, 2000 - 2300 MHz
MA4EXP240L-1277 MACOM-MA4EXP240L-1277 Datasheet
136Kb / 6P
Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz
MAMX-090240-1277MT MACOM-MAMX-090240-1277MT Datasheet
400Kb / 5P
Silicon Doubled Balanced HMIC Mixer 2300 - 2800 MHz
logo
Cree, Inc
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.0
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EX190H-1225T MA-COM-MA4EX190H-1225T Datasheet
79Kb / 3P
Silicon Double Balanced HMICTM Mixer 1700 - 2300 MHz
MA4EX190L-1225T MA-COM-MA4EX190L-1225T Datasheet
75Kb / 2P
Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com