Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1047ARQZ-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 59Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 60Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 61Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 62Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 63Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 64Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 65Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 66Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 63 of 84
Table 81. Register 0xFE13—PWM2 Falling Edge Setting (PWM2 Pin)
Bits
Bit Name
R/W
Description
[7:4]
RSVD
R
Reserved.
[3:2]
t2
R/W
These bits contain the two LSBs of the 10-bit t2 time. This value is always used with the eight
bits of Register 0xFE12, which contains the eight MSBs of the t2 time.
1
Modulate enable
R/W
1 = PWM modulation acts on the t2 edge.
0 = no PWM modulation of the t2 edge.
0
t2 sign
R/W
1 = positive sign. Increase of PWM modulation moves t2 right.
0 = negative sign. Increase of PWM modulation moves t2 left.
PWM_SET REGISTER
Table 82. Register 0xFE14—PWM_SET
Bits
Bit Name
R/W
Description
[7:5]
RSVD
R
Reserved.
4
ADP1048 operation
R/W
Reserved for the ADP1048 only.
1 = bridgeless PFC operation.
0 = interleaved PFC operation.
3
PWM resolution
R/W
1 = 5 ns.
0 = 40 ns.
2
PWM enable
R/W
1 = disable the PWM output.
0 = enable the PWM output.
1
PWM2 enable
R/W
1 = disable the PWM2 output.
0 = enable the PWM2 output.
0
Go button
R/W
The PWM settings are updated during the transition of this bit from low to high.
PWM_LIMIT REGISTER
Table 83. Register 0xFE15—PWM_LIMIT
Bits
Bit Name
R/W
Description
[7:4]
Limit minimum
on time
R/W
These bits set the minimum on time for the PWM outputs in steps of 80 ns: 0000 = 0 ns and
1111 = 1200 ns.
[3:0]
Limit minimum
off time
R/W
These bits set the minimum off time for the PWM outputs: 0000 = 40 ns, 0001 = 80 ns, 1111 =
1200 ns.
RTD ADC OFFSET TRIM SETTING (MSB) REGISTER
This register must be unlocked for write access; see Table 61.
Table 84. Register 0xFE16—RTD ADC Offset Trim Setting (MSB)
Bits
Bit Name
R/W
Description
[7:2]
RSVD
R/W
Reserved.
1
Trim polarity
R/W
1 = negative offset trim is introduced.
0 = positive offset trim is introduced.
0
RTD ADC offset trim
R/W
This bit is the MSB of the 9-bit value that sets the amount of offset trim applied to the RTD ADC
reading. The LSBs are specified in Register 0xFE17.
RTD ADC OFFSET TRIM SETTING (LSB) REGISTER
This register must be unlocked for write access; see Table 61.
Table 85. Register 0xFE17—RTD ADC Offset Trim Setting (LSB)
Bits
Bit Name
R/W
Description
[7:0]
RTD ADC offset trim
R/W
These eight bits are the LSBs of the 9-bit value that sets the amount of offset trim applied to
the RTD ADC reading. The MSB is specified in Register 0xFE16, Bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com