Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1047ARQZ-R7 Datasheet(PDF) 80 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 76Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 77Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 78Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 79Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 80Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 81Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 82Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 83Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 84Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 80 of 84
POWER METERING GAIN TRIM FOR HIGH LINE INPUT REGISTER
Table 154. Register 0xFE8F—Power Metering Gain Trim for High Line Input
Bits
Bit Name
R/W
Description
7
Gain trim polarity
R/W
1 = negative gain trim is introduced.
0 = positive gain trim is introduced.
[6:0]
Power meter gain
trim
R/W
This value calibrates the power meter gain at the high line input voltage. Each LSB corresponds
to 0.0625/128 of the input power.
CURRENT LOOP FILTER GAIN FOR LOW LINE INPUT AND LIGHT LOAD REGISTER
Table 155. Register 0xFE90—Current Loop Filter Gain for Low Line Input and Light Load
Bits
Bit Name
R/W
Description
[7:0]
Current loop filter
gain for low line and
light load
R/W
These bits set the current loop digital filter gain of the PFC current loop under the low line
input voltage at a light load condition if Bit 5 of Register 0xFE4F is set to 1.
CURRENT LOOP FILTER ZERO FOR LOW LINE INPUT AND LIGHT LOAD REGISTER
Table 156. Register 0xFE91—Current Loop Filter Zero for Low Line Input and Light Load
Bits
Bit Name
R/W
Description
[7:0]
Current loop filter
zero for low line and
light load
R/W
These bits set the current loop digital filter zero of the PFC current loop under the low line
input voltage at a light load condition if Bit 5 of Register 0xFE4F is set to 1.
CURRENT LOOP FILTER GAIN FOR HIGH LINE INPUT AND LIGHT LOAD REGISTER
Table 157. Register 0xFE92—Current Loop Filter Gain for High Line Input and Light Load
Bits
Bit Name
R/W
Description
[7:0]
Current loop filter
gain for high line and
light load
R/W
These bits set the current loop digital filter gain of the PFC current loop under the high line
input voltage at a light load condition if Bit 5 of Register 0xFE4F is set to 1.
CURRENT LOOP FILTER ZERO FOR HIGH LINE INPUT AND LIGHT LOAD REGISTER
Table 158. Register 0xFE93—Current Loop Filter Zero for High Line Input and Light Load
Bits
Bit Name
R/W
Description
[7:0]
Current loop filter
zero for high line and
light load
R/W
These bits set the current loop digital filter zero of the PFC current loop under the high line
input voltage at a light load condition if Bit 5 of Register 0xFE4F is set to 1.
SMART VOUT POWER READING REGISTER
Table 159. Register 0xFE94—Smart VOUT Power Reading
Bits
Bit Name
R/W
Description
[15:0]
Power reading
R
Return the average power reading for smart output voltage (averaged over 16 full line cycles).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com