Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1047ARQZ-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 68Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 69Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 70Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 71Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 72Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 73Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 74Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 75Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 72 of 84
LOW POWER MODE OPERATION THRESHOLD REGISTER
Table 111. Register 0xFE32—Low Power Mode Operation Threshold
Bits
Bit Name
R/W
Description
[7:0]
Low power threshold
R/W
These bits set the threshold value (PTH) for low power mode detection. When the input power is
lower than this value, the PFC enters low power mode.
POWER METERING OFFSET TRIM FOR LOW LINE INPUT REGISTER
Table 112. Register 0xFE33—Power Metering Offset Trim for Low Line Input
Bits
Bit Name
R/W
Description
7
Offset trim polarity
R/W
1 = negative offset trim is introduced.
0 = positive offset trim is introduced.
[6:0]
Power meter offset
trim
R/W
This value calibrates the power meter offset at the low line input voltage. Each LSB corresponds
to 0.0625/128 of the full input power.
POWER METERING GAIN TRIM FOR LOW LINE INPUT REGISTER
Table 113. Register 0xFE34—Power Metering Gain Trim for Low Line Input
Bits
Bit Name
R/W
Description
7
Gain trim polarity
R/W
1 = negative gain trim is introduced.
0 = positive gain trim is introduced.
[6:0]
Power meter gain trim
R/W
This value calibrates the power meter gain at the low line input voltage. Each LSB corresponds
to 0.0625/128 of the input power.
HIGH LINE LIMIT REGISTER
Table 114. Register 0xFE35—High Line Limit
Bits
Bit Name
R/W
Description
[7:0]
VAC high line
threshold
R/W
When the input voltage is higher than this value, the current loop filter for high line input is used.
LOW LINE LIMIT REGISTER
Table 115. Register 0xFE36—Low Line Limit
Bits
Bit Name
R/W
Description
[7:0]
VAC low line threshold
R/W
When the input voltage is lower than this value, the current loop filter for low line input is used.
ILIM_TRIM REGISTER
This register must be unlocked for write access; see Table 61.
Table 116. Register 0xFE37—ILIM_TRIM
Bits
Bit Name
R/W
Description
[7:5]
RSVD
R
Reserved.
4
Trim current direction
R/W
1 = source trim current (ILIM + ILIM_TRIM).
0 = sink trim current (ILIM − ILIM_TRIM).
[3:0]
ILIM trim
R/W
These bits set the trim current. Each LSB corresponds to ILIM/64.
VOLTAGE LOOP OUTPUT REGISTER
Table 117. Register 0xFE38—Voltage Loop Output
Bits
Bit Name
R/W
Description
[7:0]
Voltage loop output
R
Return the output of the voltage control loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com