Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9620 Datasheet(PDF) 7 Page - Davicom Semiconductor, Inc.

Part # DM9620
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9620 Datasheet(HTML) 7 Page - Davicom Semiconductor, Inc.

Back Button DM9620 Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 11Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
DM9620
USB2.0 to Fast Ethernet Controller
Preliminary
7
Version: DM9620 -15-DS-P02
February 20, 2012
1. Features:
USB Interface
USB2.0 Device
Supports 12Mbps Full-Speed operation
Supports 480Mbps High-Speed operation
Supports suspend mode and remote wake-up Resume
Supports USB standard commands
Supports vendor specific commands
Efficient TX/RX FIFO auto management.
Supports 4 endpoints (Control, Interrupt, Bulk_IN, Bulk_OUT)
Supported Classes: USB Common Class / USB Communications Class –
Ethernet
Support IEEE802.3u 100BASE-TX and with IEEE802.3 10BASE-T standards
Support IEEE802.3x flow control function for 100BASE-TX and 10BASET.
Built-in 10/100Mbps Fast-Ethernet PHY with Auto-MDIX
Supports MII, RMII and Reverse MII interface or 16 pins GPIO
Support Auto-negotiation function
Back Pressure Mode for half-duplex mode flow Control
PAUSE frame for full-duplex flow control
Supports GPIO, wakeup frame, link status change and Magic packet events for
remote wake-up
Support TCP / UDP / IP v4 checksum offload checking and generating
EEPROM Interface
Supports 128/256/512 bytes (93C06/93C46/93C56/93C66) of serial
EEPROM(for storing USB Descriptors)
93C06/93C46/93C56/93C66 auto-detection
LED Indications
Ethernet – Link / Act indication
Ethernet – Speed (10M / 100M) indication
Ethernet – Duplex (half / full) indication
USB speed indication (full / high speed + traffic modes)
Clock
Single 25MHz / 30 ppm crystal or oscillator
Optional 12MHz crystal for USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com