Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9620 Datasheet(PDF) 22 Page - Davicom Semiconductor, Inc.

Part # DM9620
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9620 Datasheet(HTML) 22 Page - Davicom Semiconductor, Inc.

Back Button DM9620 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9620 Datasheet HTML 26Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
DM9620
USB2.0 to Fast Ethernet Controller
Preliminary
22
Version: DM9620 -15-DS-P02
February 20, 2012
0
ERRE
PH0,RO
EEPROM Access Status or PHY Access Status
When set, it indicates that the EEPROM or PHY access is in progress.
4.11 EEPROM & PHY Address Register ( 0CH )
Bit
Name
Default
Description
7:6
PHY_ADR
PH01,RW
PHY Address bit [1:0] or EEPROM Word Address[7:6]:
If it is in PHY mode operation , the PHY address bit [4:2] is force to 0.
Force to 01 if internal PHY is selected.
Or EEPROM Word Address[7:6] if EEPROM 93C56/66 is used
5:0
EROA
PH0,RW
EEPROM Word Address[5:0] or PHY Register Number
4.12 EEPROM & PHY Data Register (
EE_PHY_L:0DH
EE_PHY_H:0EH
)
Bit
Name
Default
Description
7:0
EE_PHY_L
X,RW
EEPROM or PHY Low Byte Data
7:0
EE_PHY_H
X,RW
EEPROM or PHY High Byte Data
4.13 Wake Up Control Register ( 0FH )
Bit
Name
Type
Description
7
SMI_EN
P0,RW
SMI_C Event Enable
When set, enable SMI_C as GPIO Wake-up Event.
This event occurred in 100ms low state and then 100ms high state in SMI_CK
pin
6
SMI_ST
P0,RO
SMI_C Even Status
When set, indicates SMI_C Event occurred.
5
LINKEN
PE0,RW
Link Change Event Enable
When set, enable Link Status Change Wake-up Event.
4
SAMPLEEN
PE0,RW
Sample Frame Match Event Enable
When set, enable Sample Frame Wake-up Event.
3
MAGICEN
PE0,RW
Magic Packet Event Enable
When set, enable Magic Packet Wake-up Event.
2
LINKST
P0,RO
Link change Event Status
When set, indicates link change and Link Status Change Event occurred.
1
SAMPLEST
P0,RO
Sample Frame Mtach Event Status
When set, indicates the sample frame is received and Sample Frame Event
occurred. This bit will not be affected after a software reset.
0
MAGICST
P0,RO
Magic Packet Event Status
When set, indicates the Magic Packet is received and Magic packet Event
occurred. This bit will not be affected after a software reset.
4.14 Physical Address Register ( 10H~15H )
Bit
Name
Default
Description
7:0
PAB5
E,RW
Physical Address Byte 5 (15H)
7:0
PAB4
E,RW
Physical Address Byte 4 (14H)
7:0
PAB3
E,RW
Physical Address Byte 3 (13H)
7:0
PAB2
E,RW
Physical Address Byte 2 (12H)
7:0
PAB1
E,RW
Physical Address Byte 1 (11H)
7:0
PAB0
E,RW
Physical Address Byte 0 (10H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com