Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLX24C01 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # SLX24C01
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C01 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button SLX24C01 Datasheet HTML 5Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 6Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 7Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 8Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 9Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 10Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 11Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 12Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
9
1998-07-27
4
Device Addressing and EEPROM Addressing
After a START condition, the master always transmits a Command Byte CSW or CSR.
After the acknowledge of the EEPROM a Control Byte follows, its content and the
transmitter depend on the previous Command Byte. The description of the Command
and Control Bytes is shown in table 2.
The device has an internal address counter which points to the current EEPROM
address.
The address counter is incremented
– after a data byte to be written has been acknowledged, during entry of further data
byte
– during a byte read, thus the address counter points to the following address after
reading a data byte.
Command Byte
Selects operation: the least significant bit b0 is low for a write
operation (Chip Select Write Command Byte CSW) or set high for a
read operation (Chip Select Read Command Byte CSR). In both
Command Bytes, the bit positions b3 to b1 are left undefined.
Control Byte
Following CSW (b0 = 0): contains the seven or eight lower bits of
the EEPROM address (EEA) bit A6 or A7 to A0, or an additional
command byte for the handling of the protection bit.
Following CSR (b0 = 1): contains the data read out, transmitted by
the EEPROM. The EEPROM data are read as long as the master
pulls down SDA after each byte in order to acknowledge the
transfer. The read operation is stopped by the master by releasing
SDA (no acknowledge is applied) followed by a STOP condition.
Table 2
Command and Control Byte for I
2C-Bus Addressing of Chip and EEPROM
Definition
Function
b7
b6
b5
b4
b3
b2
b1
b0
CSW
1
01
0x
x
x
0
Chip Select for Write
CSR
1
0
1
0
x
x
x
1
Chip Select for Read
EEA
A7
A6
A5
A4
A3
A2
A1
A0
EEPROM address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com