Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLX24C01 Datasheet(PDF) 19 Page - Siemens Semiconductor Group

Part # SLX24C01
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C01 Datasheet(HTML) 19 Page - Siemens Semiconductor Group

Back Button SLX24C01 Datasheet HTML 15Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 16Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 17Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 18Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 19Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 20Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 21Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 22Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 23Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
19
1998-07-27
7.1
Protection Bit Handling
The bits of the protection memory can be addressed directly for reading or programming.
A protection bit address corresponds to the lowest address within the respective page
(A3 to A6 or A7, A0 to A2 = zero). The status of each protection bit is sensed internally.
A written state (“0”) prevents programming in the associated page. If an already
protected memory page is accidentally addressed for programming, the programming
procedure is suppressed.
The conventional I
2C-Bus protocol allows data bytes to be read and programmed only.
Therefore an independent instruction sequence for addressing and manipulation of
protection bits is implemented. For protection bit instructions, the command byte CSW
with its preceding START condition followed by the associated control byte has to be
entered twice (figures 15 through 17). The first command byte CSW is followed by the
control byte EEA with the bit/page address A0 through A2 always at zero. The second
CSW is required for entering a control byte CTx for protection bit manipulation. The three
control bytes for read, write or erase of a protection bit are listed below (table 3):
Table 3
Control Byte for Protection Bit Manipulation
Address
Name
Definition
Function
b7
b6
b5
b4
b3
b2
b1
b0
CTR
xxx
xx
x0
0
Protection bit read
CTW
xxx
xx
x0
1
Protection bit write
CTE
xxx
xx
x1
1
Protection bit erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com