Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLX24C01 Datasheet(PDF) 18 Page - Siemens Semiconductor Group

Part # SLX24C01
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C01 Datasheet(HTML) 18 Page - Siemens Semiconductor Group

Back Button SLX24C01 Datasheet HTML 14Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 15Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 16Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 17Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 18Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 19Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 20Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 21Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 22Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
18
1998-07-27
7
Page Protection Mode
TM
Each page (8 bytes) in the Data Memory can be protected against unintended data
changes by an associated protection bit. The protection bit memory consists of an
additional EEPROM of 16/32 bits (figure 14).
Data in the Data Memory can be modified only if the assigned protection bit is erased
(logical state“1”). Afterwriting thedatabytes toapage, theprotectionis achievedby
writing the associated protection bit (logical state “0”). Further changes in the data in a
protected page is possible only after erasing the protection bit.
Figure 14
Data Page and Assigned Protection Memory
A special procedure to write or erase a protection bit guarantees proper activation or
deactivation respectively of page protection. For protection bit write or erase, all 8 data
bytes of the respective page have to be entered for a second time. The data then are
compared internally with the data to be protected, and in case of identity the protection
bit is written or erased respectively.
1
02 3
.
.
.
.
.
.
0
1
2
3
n
Page 0
Page 1
Page 2
Page 3
Page n
Byte
Bit
Data Memory Area
IED02141
567
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com