Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN6501DBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 12Page - Texas Instruments SN6501DBVT Datasheet HTML 13Page - Texas Instruments SN6501DBVT Datasheet HTML 14Page - Texas Instruments SN6501DBVT Datasheet HTML 15Page - Texas Instruments SN6501DBVT Datasheet HTML 16Page - Texas Instruments SN6501DBVT Datasheet HTML 17Page - Texas Instruments SN6501DBVT Datasheet HTML 18Page - Texas Instruments SN6501DBVT Datasheet HTML 19Page - Texas Instruments SN6501DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
0.1 µF
VS
10µF
MBR0520L
MBR0520L
1:2.2
10 µF
3
1
D2
SN6501
D1
Vcc
5
2
GND2 GND1
4
3.3 V
IN
EN
GND
OUT
1
5
2
3
TPS76350
10µF
ISO 5V
Vcc1
Vcc2
GND1
GND2
B
A
16
13
12
2,7,8
9,10,15
U0Rx
VDD
PA2
PA3
U0Tx
GND
11
13
14
12
8,18,21
RST
OSC0
OSC1
LDO
5
9
10
6
7,17,22
STELLARIS
LM3S102
0.1 µF
1µF
0.1 µF
1 µF
18pF
18pF
6MHz
R
RE
DE
D
1
3
4
5
6
0.1 µF
0.1 µF
ISO3082
ISO3088
ISO-BARRIER
4.7 nF/
2kV
SM712
10 W(opt)
(opt)
10 W
SN6501
SLLSEA0C – FEBRUARY 2012 – REVISED MARCH 2012
www.ti.com
APPLICATION CIRCUITS
The following application circuits are shown for a 3.3 V input supply commonly taken from the local, regulated
micro-controller supply. For 5 V input voltages requiring different turn ratios refer to the transformer
manufacturers and their websites listed in Table 2.
Table 2. Transformer Manufacturers
Coilcraft Inc.
http://www.coilcraft.com
Halo-Electronics Inc.
http://www.haloelectronics.com
Murata Power Solutions
http://www.murata-ps.com
Wurth Electronics Midcom Inc
http://www.midcom-inc.com
Figure 40. Isolated RS-485 Interface
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com