Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN6501DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 2 Page - Texas Instruments

  SN6501DBVT Datasheet HTML 1Page - Texas Instruments SN6501DBVT Datasheet HTML 2Page - Texas Instruments SN6501DBVT Datasheet HTML 3Page - Texas Instruments SN6501DBVT Datasheet HTML 4Page - Texas Instruments SN6501DBVT Datasheet HTML 5Page - Texas Instruments SN6501DBVT Datasheet HTML 6Page - Texas Instruments SN6501DBVT Datasheet HTML 7Page - Texas Instruments SN6501DBVT Datasheet HTML 8Page - Texas Instruments SN6501DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
OSC
Q
Q
SN6501
Gate
Drive
D1
V
CC
D2
GND
GND
1
5
2
3
4
D1
V
CC
D2
GND
GND
50W
VIN
10µF
3
1
SN6501
5
2
4
D2
D1
VCC
GND
GND
50W
1
5
4
3
10µF
0.1µF
V
IN
10µF
MBR0520L
MBR0520L
T1
10µF
3
1
SN6501
5
2
4
LDO
2
TP1
TP2
V
OUT
0.1µF
D2
D1
V
CC
GND
GND
IN
EN
NC
OUT
GND
SN6501
SLLSEA0C – FEBRUARY 2012 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
FUNCTIONAL BLOCK DIAGRAM
PIN FUNCTIONS
PIN No.
NAME
DESCRIPTION
1
D1
Drain 1
2
Vcc
Supply voltage
3
D2
Drain 2
4,5
GND
Ground
TEST CIRCUIT
Figure 2. Test Circuit for RON, fOSC, fSt, tr-D, tf-D, tBBM
Figure 3. Test Circuit for Output Voltage and Efficiency at TP1 and TP2
(see Figure 4 to Figure 23)
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com