Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN6501DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN6501DBVT Datasheet HTML 1Page - Texas Instruments SN6501DBVT Datasheet HTML 2Page - Texas Instruments SN6501DBVT Datasheet HTML 3Page - Texas Instruments SN6501DBVT Datasheet HTML 4Page - Texas Instruments SN6501DBVT Datasheet HTML 5Page - Texas Instruments SN6501DBVT Datasheet HTML 6Page - Texas Instruments SN6501DBVT Datasheet HTML 7Page - Texas Instruments SN6501DBVT Datasheet HTML 8Page - Texas Instruments SN6501DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
IN
EN
NC
OUT
1
5
4
3
10µF
0.1µF
VIN = 3.3V
10µF
MBR0520L
MBR0520L
1:2.2
10µF
3
1
D2
SN6501
D1
Vcc
5
2
GND
GND
4
VOUT-REG = 5V
TPS76350
2
GND
VOUT
SN6501
www.ti.com
SLLSEA0C – FEBRUARY 2012 – REVISED MARCH 2012
Transformer Driver for Isolated Power Supplies
Check for Samples: SN6501
1
FEATURES
APPLICATIONS
•
Push-Pull Driver for Small Transformers
•
Isolated Interface Power Supply for CAN, RS-
485, RS-422, RS-232, SPI, I2C, Low-Power LAN
•
Single 3.3 V or 5 V Supply
•
Industrial Automation
•
High Primary-side Current Drive:
•
Process Control
–
5 V Supply: 350 mA (max)
•
Medical Equipment
–
3.3 V Supply: 150 mA (max)
•
Low Ripple on Rectified Output Permits Small
Output Capacitors
•
Small 5-pin SOT23 Package
DESCRIPTION
The SN6501 is a monolithic oscillator/power-driver, specifically designed for small form factor, isolated power
supplies in isolated interface applications. It drives a low-profile, center-tapped transformer primary from a 3.3 V
or 5 V DC power supply. The secondary can be wound to provide any isolated voltage based on transformer
turns ratio.
The SN6501 consists of an oscillator followed by a gate drive circuit that provides the complementary output
signals to drive the ground referenced N-channel power switches. The internal logic ensures break-before-make
action between the two switches.
The SN6501 is available in a small SOT23-5 package, and is specified for operation at temperatures from –40°C
to 125°C.
Figure 1. Typical Operating Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN6501DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6501DBVT TI1-SN6501DBVT Datasheet
1Mb / 29P
Transformer Driver for Isolated Power Supplies
SN6501DBVT TI2-SN6501DBVT Datasheet
2Mb / 38P
SN6501 Transformer Driver for Isolated Power Supplies
REVISED JANUARY 2021
SN6501DBVT.A TI2-SN6501DBVT.A Datasheet
2Mb / 38P
SN6501 Transformer Driver for Isolated Power Supplies
REVISED JANUARY 2021
More results

Similar Description - SN6501DBVT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX256 MAXIM-MAX256_05 Datasheet
271Kb / 14P
3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 0; 8/05
MAX256 MAXIM-MAX256_12 Datasheet
218Kb / 14P
3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 1; 3/12
MAX13253 MAXIM-MAX13253 Datasheet
1Mb / 14P
1A, Spread-Spectrum, Push-Pull, Transformer Driver for Isolated Power Supplies
Rev 1; 4/13
logo
Texas Instruments
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX258 MAXIM-MAX258_13 Datasheet
637Kb / 12P
500mA, Push-Pull Transformer Driver for Isolated Power Supplies
Rev 0; 5/13
logo
Texas Instruments
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
Transformer Driver for Isolated Power Supplies
SN6501 TI-SN6501_15 Datasheet
1Mb / 34P
SN6501 Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
SN6501-Q1 Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX25256 MAXIM-MAX25256 Datasheet
550Kb / 16P
Automotive, 36V H-Bridge Transformer Driver for Isolated Supplies
19-101087; Rev 0; 4/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com