Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSU6111ARSVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 5 Page - Texas Instruments

  TSU6111ARSVR Datasheet HTML 1Page - Texas Instruments TSU6111ARSVR Datasheet HTML 2Page - Texas Instruments TSU6111ARSVR Datasheet HTML 3Page - Texas Instruments TSU6111ARSVR Datasheet HTML 4Page - Texas Instruments TSU6111ARSVR Datasheet HTML 5Page - Texas Instruments TSU6111ARSVR Datasheet HTML 6Page - Texas Instruments TSU6111ARSVR Datasheet HTML 7Page - Texas Instruments TSU6111ARSVR Datasheet HTML 8Page - Texas Instruments TSU6111ARSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TSU6111A
www.ti.com
SCDS331
– FEBRUARY 2012
SUMMARY OF TYPICAL CHARACTERISTICS
AMBIENT TEMPERATURE = 25
°C
USB/UART PATH
Number of channels
2
ON-state resistance (ron)
8
Ω
ON-state resistance match (
Δron)
0.5
Ω
ON-state resistance flatness (ron(flat))
0.5
Ω
Turn-on/turn-off time (tON/tOFF)
95
µs/ 3.5 µs
Bandwidth (BW)
920 MHz
OFF isolation (OISO)
–26 dB at 250 MHz
Crosstalk (XTALK)
–32 dB at 250 MHz
Leakage current (IIO(ON))
50 nA
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VBUS_IN
VBUS voltage
4.0
6.5
V
VBAT
VBAT voltage
3.0
4.4
V
VDDIO
VDDIO voltage
1.65
3.6
V
ID_CON_Cap
ID_CON capacitance
1
nF
USB_I/O
USB path signal range
0
3.6
V
Temperature
Operating Temperature
–40
85
°C
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com