Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2003LVDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003LVDR
Description  7-Channel Relay and Inductive Load Sink Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2003LVDR Datasheet(HTML) 2 Page - Texas Instruments

  ULN2003LVDR Datasheet HTML 1Page - Texas Instruments ULN2003LVDR Datasheet HTML 2Page - Texas Instruments ULN2003LVDR Datasheet HTML 3Page - Texas Instruments ULN2003LVDR Datasheet HTML 4Page - Texas Instruments ULN2003LVDR Datasheet HTML 5Page - Texas Instruments ULN2003LVDR Datasheet HTML 6Page - Texas Instruments ULN2003LVDR Datasheet HTML 7Page - Texas Instruments ULN2003LVDR Datasheet HTML 8Page - Texas Instruments ULN2003LVDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ULN2003LV
SLRS059A – APRIL 2012 – REVISED APRIL 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PART NUMBER
PACKAGE
TOP-SIDE MARKING
ULN2003LVDR
16-Pin SOIC
Reel of 2500
UN2003LV
–40°C to 85°C
ULN2003LVPWR
16-Pin TSSOP
Reel of 2000
UN2003LV
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Specified at TJ = –40°C to 125°C unless otherwise noted.
VALUE
UNIT
MIN
MAX
VIN
Pins IN1- IN7 to GND voltage
–0.3
5.5
V
VOUT
Pins OUT1 – OUT7 to GND voltage
8
V
VCOM
Pin COM to GND voltage
8
V
Max GND-pin continuous current (TJ > +125°C)
700
mA
IGND
Max GND-pin continuous current (TJ < +100°C)
1.0
A
16 Pin - SOIC
0.58
W
PD
Total device power dissipation at TA = 85°C
16 Pin -TSSOP
0.45
W
ESD Rating – HBM
2
kV
ESD
ESD Rating – CDM
500
V
TA
Operating free-air ambient temperature range
–40
85
°C
TJ
Operating virtual junction temperature
–55
150
°C
Tstg
Storage temperature range
–55
150
°C
(1)
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
DISSIPATION RATINGS
(1) (2)
BOARD
PACKAGE
θJC
θJA
(3)
DERATING
TA < 25°C
TA = 70°C
TA = 85°C
FACTOR ABOVE
TA = 25ºC
High-K
16-Pin SOIC
69°C/W
112°C/W
8.88 mW/ºC
1.11 W
0.71 W
0.58 W
High-K
16-Pin TSSOP
74°C/W
142°C/W
7.11 mW/ºC
0.88 W
0.56 W
0.45 W
(1)
Maximum dissipation values for retaining device junction temperature of 150°C
(2)
Refer to TI’s design support web page at www.ti.com/thermal for improving device thermal performance
(3)
Operating at the absolute TJ-max of 150°C can affect reliability– for higher reliability it is recommended to ensure TJ < 125°C
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ULN2003LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com