Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2003LVDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003LVDR
Description  7-Channel Relay and Inductive Load Sink Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2003LVDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ULN2003LVDR Datasheet HTML 3Page - Texas Instruments ULN2003LVDR Datasheet HTML 4Page - Texas Instruments ULN2003LVDR Datasheet HTML 5Page - Texas Instruments ULN2003LVDR Datasheet HTML 6Page - Texas Instruments ULN2003LVDR Datasheet HTML 7Page - Texas Instruments ULN2003LVDR Datasheet HTML 8Page - Texas Instruments ULN2003LVDR Datasheet HTML 9Page - Texas Instruments ULN2003LVDR Datasheet HTML 10Page - Texas Instruments ULN2003LVDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ULN2003LV
IN3
IN4
OUT1
OUT2
OUT3
OUT4
IN5
IN6
IN7
GND
OUT5
OUT6
OUT7
COM
IN1
IN2
Logic Inputs
(1.8V to 5V)
VSUP_MAX
VSUP1
VSUP2
VSUP3
VSUP _MAX
VSUP_MAX = Max of {VSUP1, VSUP2, VSUP3} – VF
VF = Diode forward drop@ Total ground-pin current
ULN2003LV
www.ti.com
SLRS059A – APRIL 2012 – REVISED APRIL 2012
Max Supply Selector
The Figure 4 implements a max supply selector along with a 4-channel logic level shifter using a single
ULN20003LV. This setup configures ULN2003LV’s channel clamp diodes OUT5 – OUT7 in a diode-OR
configuration and thus the maximum supply among VSUP1, VSUP2 and VSUP3 becomes available at the COM
pin. The maximum supply is then used as a pull-up voltage for level shifters. Limit the net GND pin current to
less than 100mA DC to ensure reliability of the conducting diode. The unconnected inputs IN5-IN7 are pulled to
GND potential through 300k
Ω internal pull-down resistor.
Figure 4. ULN2003LV as Max Supply Selector
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ULN2003LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com