Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2003LVDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003LVDR
Description  7-Channel Relay and Inductive Load Sink Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2003LVDR Datasheet(HTML) 3 Page - Texas Instruments

  ULN2003LVDR Datasheet HTML 1Page - Texas Instruments ULN2003LVDR Datasheet HTML 2Page - Texas Instruments ULN2003LVDR Datasheet HTML 3Page - Texas Instruments ULN2003LVDR Datasheet HTML 4Page - Texas Instruments ULN2003LVDR Datasheet HTML 5Page - Texas Instruments ULN2003LVDR Datasheet HTML 6Page - Texas Instruments ULN2003LVDR Datasheet HTML 7Page - Texas Instruments ULN2003LVDR Datasheet HTML 8Page - Texas Instruments ULN2003LVDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ULN2003LV
www.ti.com
SLRS059A – APRIL 2012 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS
Specified over the recommended junction temperature range TJ = –40°C to 125°C unless otherwise noted. Typical values are
at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUTS IN1 THROUGH IN7 PARAMETERS
VI(ON)
IN1–IN7 logic high input voltage
Vpull-up = 3.3 V, Rpull-up = 1 kΩ, IOUTX = 3.2 mA
1.65
V
Vpull-up = 3.3 V, Rpull-up = 1 kΩ,
VI(OFF)
IN1–IN7 logic low input voltage
0.4
0.6
(IOUTX = <5 µA)
II(ON)
IN1–IN7 ON state input current
Vpull-up = 3.3 V, VINx = 3.3 V
12
25
uA
II(OFF)
IN1–IN7 OFF state input leakage
Vpull-up = 3.3 V, VINx = 0 V
250
nA
OUTPUTS OUT1 THROUGH OUT7 PARAMETERS
VINX = 3.3 V, IOUTX = 50 mA
0.17
0.24
VINX = 3.3 V, IOUTX = 100 mA
0.36
0.49
VOL(VCE-SAT)
OUT1–OUT7 low-level output voltage
V
VINX = 5.0 V, IOUTX = 100 mA
0.26
0.42
VINX = 5.0 V, IOUTX = 140 mA
0.40
VINX = 3.3 V, VOUTX = 0.4 V
80
100
OUT1–OUT7 ON-state continuous
IOUT(ON)
mA
current(1) (2) at VOUTX = 0.4V
VINX = 5.0 V, VOUTX = 0.4 V
95
140
IOUT(OFF)(ICEX)
OUT1–OUT7 OFF-state leakage current
VINX = 0 V, VOUTX = VCOM = 8 V
0.17
µA
SWITCHING PARAMETERS(3)(4)
VINX = 3.3V, Vpull-up = 3.3 V, Rpull-up = 50 Ω
25
tPHL
OUT1–OUT7 logic high propagation delay
ns
VINX = 5.0V, Vpull-up = 5 V, Rpull-up = 1 kΩ
15
VINX = 3.3V, Vpull-up = 3.3 V, Rpull-up = 50 Ω
45
tPLH
OUT1–OUT7 logic low propagation delay
ns
VINX = 5.0V, Vpull-up = 5 V, Rpull-up = 1kΩ
80
RPD
IN1–IN7 input pull-down Resistance
210k
300k
390k
Ω
ζ
IN1–IN7 Input filter time constant
9
ns
COUT
OUT1–OUT7 output capacitance
VINX = 3.3 V, VOUTX = 0.4 V
15
pF
FREE-WHEELING DIODE PARAMETERS(5)(4)
VF
Forward voltage drop
IF-peak = 140 mA, VF = VOUTx – VCOM,
1.2
V
IF-peak
Diode peak forward current
140
mA
(1)
The typical continuous current rating is limited by VOL= 0.4V. Whereas, absolute maximum operating continuous current may be limited
by the Thermal Performance.parameters listed in the Dissipation Rating Table and other Reliability parameters listed in the
Recommended Operating ConditionsTable.
(2)
Refer to the Absolute Maximum Ratings Table for TJ dependent absolute maximum GND-pin current.
(3)
Rise and Fall propagation delays, tPHL and tPLH, are measured between 50% values of the input and the corresponding output signal
amplitude transition.
(4)
Guaranteed by design only.
(5)
Not rated for continuous current operation – for higher reliability use an external freewheeling diode for inductive loads resulting in more
than specified maximum free-wheeling. diode peak current across various temperature conditions
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ULN2003LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com