Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1640AL Datasheet(PDF) 1 Page - Linear Technology

Part # LT1640AL
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 1 Page - Linear Technology

  LT1640AL Datasheet HTML 1Page - Linear Technology LT1640AL Datasheet HTML 2Page - Linear Technology LT1640AL Datasheet HTML 3Page - Linear Technology LT1640AL Datasheet HTML 4Page - Linear Technology LT1640AL Datasheet HTML 5Page - Linear Technology LT1640AL Datasheet HTML 6Page - Linear Technology LT1640AL Datasheet HTML 7Page - Linear Technology LT1640AL Datasheet HTML 8Page - Linear Technology LT1640AL Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
1
425212fd
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Negative Voltage
Hot Swap Controllers
The LTC®4252 negative voltage Hot SwapTM controller
allows a board to be safely inserted and removed from a
live backplane. Output current is controlled by three stages
of current limiting: a timed circuit breaker, active current
limiting and a fast feedforward path that limits peak current
under worst-case catastrophic fault conditions.
Adjustable undervoltage and overvoltage detectors dis-
connect the load whenever the input supply exceeds the
desired operating range. The LTC4252’s supply input is
shunt regulated, allowing safe operation with very high
supply voltages. A multifunction timer delays initial start-
up and controls the circuit breaker’s response time. The
circuit breaker’s response time is accelerated by sensing
excessive MOSFET drain voltage, keeping the MOSFET
within its safe operating area (SOA). An adjustable soft-
start circuit controls MOSFET inrush current at start-up.
The LTC4252-1/LTC4252A-1 latch off after a circuit breaker
fault times out. The LTC4252-2 provides automatic retry
after a fault. The LTC4252A-1/LTC4252A-2 feature tight
±1% undervoltage/overvoltage threshold accuracy. The
LTC4252 is available in either an 8-pin or 10-pin MSOP.
–48V/2.5A Hot Swap Controller
Start-Up Behavior
APPLICATIONS
n Allows Safe Board Insertion and Removal from a
Live – 48V Backplane
n Floating Topology Permits Very High Voltage Operation
n Programmable Analog Current Limit With Circuit
Breaker Timer
n Fast Response Time Limits Peak Fault Current
n Programmable Soft-Start Current Limit
n Programmable Timer with Drain Voltage
Accelerated Response
n ±1% Undervoltage/Overvoltage Threshold Accuracy
(LTC4252A)
■
Adjustable Undervoltage/Overvoltage Protection
■
LTC4252-1/LTC4252A-1: Latch Off After Fault
■
LTC4252-2: Automatic Retry After Fault
■
Available in 8-Pin and 10-Pin MSOP Packages
n Hot Board Insertion
n Electronic Circuit Breaker
n – 48V Distributed Power Systems
n Negative Power Supply Control
n Central Office Switching
n High Availability Servers
n ATCA
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
Hot Swap is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
425212 TA01
–48RTN
OV
UV
VEE
VIN
SENSE
SS
TIMER
GATE
PWRGD
DRAIN
LTC4252-1
R1
402k
1%
R2
32.4k
1%
CT
0.33μF
DIN
†
DDZ13B**
CSS
68nF
CC
18nF
–48V
RS
0.02Ω
Q1
IRF530S
VOUT
RC
10Ω
R3
5.1k
RIN
3
× 1.8k IN SERIES
1/4W EACH
C1
10nF
CIN
1μF
CL
100μF
–48RTN
(SHORT PIN)
+
RD 1M
LOAD
EN
*
* M0C207
**DIODES, INC
†
RECOMMENDED FOR HARSH ENVIRONMENTS
425212 TA01a
GATE
5V/DIV
SENSE
2.5A/DIV
PWRGD
10V/DIV
1ms/DIV
VOUT
20V/DIV
NOT RECOMMENDED FOR NEW DESIGNS
Please See LTC4252B/LTC4252C for Drop-In Replacement


Similar Part No. - LT1640AL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
322Kb / 40P
Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
310Kb / 34P
??8V Hot Swap Controllers
LT1640AL LINER-LT1640AL Datasheet
326Kb / 16P
Negative Voltage Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
More results

Similar Description - LT1640AL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
Negative Low Voltage Hot Swap Controllers
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
Negative Low Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252C-2 LINER-LTC4252C-2_15 Datasheet
467Kb / 36P
Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com