Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1640AL Datasheet(PDF) 14 Page - Linear Technology

Part # LT1640AL
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1640AL Datasheet HTML 10Page - Linear Technology LT1640AL Datasheet HTML 11Page - Linear Technology LT1640AL Datasheet HTML 12Page - Linear Technology LT1640AL Datasheet HTML 13Page - Linear Technology LT1640AL Datasheet HTML 14Page - Linear Technology LT1640AL Datasheet HTML 15Page - Linear Technology LT1640AL Datasheet HTML 16Page - Linear Technology LT1640AL Datasheet HTML 17Page - Linear Technology LT1640AL Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
14
425212fd
SHUNT REGULATOR
A fast responding shunt regulator clamps the VIN pin to 13V
(VZ). Power is derived from –48RTN by an external current
limiting resistor, RIN. A 1μF decoupling capacitor, CIN filters
supply transients and contributes a short delay at start-up.
To meet creepage requirements RIN may be split into two or
more series connected units. This introduces a wider total
spacing than is possible with a single component while at
the same time ballasting the potential across the gap under
each resistor. The LTC4252 is fundamentally a low voltage
device that operates with –48V as its reference ground. To
further protect against arc discharge into its pins, the area
in and around the LTC4252 and all associated components
should be free of any other planes such as chasis ground,
return, or secondary-side power and ground planes.
VIN may be biased with additional current up to 30mA to
accomodate external loading such as the PWRGD opto-
coupler shown in Figure 23. As an alternative to running
higher current, simply buffer VIN with an emitter follower
as shown in Figure 3. Another method shown in Figure
19 cascodes the PWRGD output.
VIN is rated handle 30mA within the thermal limits of the
package, and is tested to survive a 100μs, 100mA pulse. To
protect VIN against damage from higher amplitude spikes,
clamp VIN to VEE with a 13V Zener diode. Star connect
VEE and all VEE-referred components to the sense resistor
APPLICATIONS INFORMATION
Kelvin terminal as illustrated in Figure 3, keeping trace
lengths between VIN, CIN, DIN and VEE as short as possible.
INTERNAL UNDERVOLTAGE LOCKOUT (UVLO)
A hysteretic comparator, UVLO, monitors VINforundervolt-
age. The thresholds are defined by VLKO and its hysteresis,
VLKH. When VIN rises above VLKO the chip is enabled; below
(VLKO – VLKH) it is disabled and GATE is pulled low. The
UVLO function at VIN should not be confused with the
UV/OV pin(s). These are completely separate functions.
UV/OV COMPARATORS (LTC4252)
An UV hysteretic comparator detects undervoltage condi-
tions at the UV pin, with the following thresholds:
UV low-to-high (VUVHI) = 3.225V
UV high-to-low (VUVLO) = 2.925V
An OV hysteretic comparator detects overvoltage condi-
tions at the OV pin, with the following thresholds:
OV low-to-high (VOVHI) = 6.150V
OV high-to-low (VOVLO) = 5.550V
The UV and OV trip point ratio is designed to match the
standard telecom operating range of 43V to 82V when con-
nected together as in the typical application. A divider (R1,
R2) is used to scale the supply voltage. Using R1 = 402k
425212 F03
–48RTN
UV
OV
VEE
VIN
SENSE
SS
TIMER
GATE
PWRGD
DRAIN
LTC4252-1
R1
432k
1%
R3
38.3k
1%
R2
4.75k
1%
CT
330nF
CSS
68nF
CC
18nF
–48V
RS
0.02Ω
Q1
IRF530S
RC
10Ω
R5
2.2k
Q2
RIN
10k
1/2W
1
9
8
10
3
2
7
6
4
5
C2
10nF
CIN
1μF
CL
100μF
–48RTN
(SHORT PIN)
+
RD 1M
LOAD
EN
R4
22k
*
* M0C207
Q2: MMBT5551LT1
**DIODES, INC
†
RECOMMENDED FOR HARSH ENVIRONMENTS
DIN
†
DDZ13B**
Figure 3. – 48V/2.5A Application with Different Input Operating Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com