Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4258 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4258
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 12Page - Linear Technology LTC4258 Datasheet HTML 13Page - Linear Technology LTC4258 Datasheet HTML 14Page - Linear Technology LTC4258 Datasheet HTML 15Page - Linear Technology LTC4258 Datasheet HTML 16Page - Linear Technology LTC4258 Datasheet HTML 17Page - Linear Technology LTC4258 Datasheet HTML 18Page - Linear Technology LTC4258 Datasheet HTML 19Page - Linear Technology LTC4258 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
LTC4278
16
4278fc
APPLICATIONS INFORMATION
DETECTION V1
ON
OFF
OFF
OFF
ON
τ = RLOAD C1
TRACKS
VPORTN
DETECTION V2
TIME
50
40
30
20
10
40mA
50
40
30
20
10
TIME
–10
TIME
–20
–30
–40
–50
dV
dt
INRUSH
C1
=
4278 F04
INRUSH = 100mA
RCLASS = 30.9Ω
ILOAD =
VPORTN
RLOAD
VPORTP
PSE
IIN
RLOAD
RCLASS
C1
RCLASS
T2P
LTC4278
VNEG
VPORTN
1st CLASS
1st MARK 2nd MARK
DETECTION V1
DETECTION V2
1st MARK 2nd MARK
2nd CLASS
1st CLASS
2nd CLASS
LOAD, ILOAD
INRUSH
Figure 4. VNEG, T2P and PD Current
as a Result of 2-Event Classification
SIGNATURE CORRUPT DURING MARK
As a member of the IEEE 802.3at working group, Linear
Technology noted that it is possible for a Type 2 PD to
receive a false indication of a 2-event classification if a
PSE port is pre-charged to a voltage above the detection
voltage range before the first detection cycle. The IEEE
working group modified the standard to prevent this pos-
sibility by requiring a Type 2 PD to corrupt the signature
resistance during the mark event, alerting the PSE not to
apply power. The LTC4278 conforms to this standard by
corrupting the signature resistance. This also discharges
the port before the PSE begins the next detection cycle.
PD STABILITY DURING CLASSIFICATION
Classificationpresentsachallengingstabilityproblemdue
to the wide range of possible classification load current.
The onset of the classification load current introduces a
voltage drop across the cable and increases the forward
voltage of the input diode bridge. This may cause the PD
to oscillate between detection and classification with the
onset and removal of the classification load current.
The LTC4278 prevents this oscillation by introducing a
voltagehysteresiswindowbetweenthedetectionandclas-
sification ranges. The hysteresis window accommodates
the voltage changes a PD encounters at the onset of the
classification load current, thus providing a trouble-free
transition between detection and classification modes.
TheLTC4278alsomaintainsapositiveI-Vslopethroughout
the classification range up to the on-voltage. In the event
a PSE overshoots beyond the classification voltage range,
the available load current aids in returning the PD back
into the classification voltage range. (The PD input may
otherwise be “trapped” by a reverse-biased diode bridge
and the voltage held by the 0.1μF capacitor).
INRUSH CURRENT
Once the PSE detects and optionally classifies the PD,
the PSE then applies powers on the PD. When the
LTC4278inputvoltagerisesabovetheon-voltagethreshold,
LTC4278 connects VNEG to VPORTN through the internal
power MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com