Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4258 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC4258
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 34Page - Linear Technology LTC4258 Datasheet HTML 35Page - Linear Technology LTC4258 Datasheet HTML 36Page - Linear Technology LTC4258 Datasheet HTML 37Page - Linear Technology LTC4258 Datasheet HTML 38Page - Linear Technology LTC4258 Datasheet HTML 39Page - Linear Technology LTC4258 Datasheet HTML 40Page - Linear Technology LTC4258 Datasheet HTML 41Page - Linear Technology LTC4258 Datasheet HTML 42Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
LTC4278
38
4278fc
current will flow through the parasitic body diode of the
internal MOSFET and may cause permanent damage to
the LTC4278.
In order to minimize switching noise and improve output
loadregulation,connecttheGNDpinoftheLTC4278directly
to the ground terminal of the VCC decoupling capacitor,
the bottom terminal of the current sense resistor and the
groundterminaloftheinputcapacitor,usingagroundplane
with multiple vias. Place the VCC capacitor immediately
adjacent to the VCC and GND pins on the IC package. This
capacitor carries high di/dt MOSFET gate drive currents.
Use a low ESR ceramic capacitor.
TakecareinPCBlayouttokeepthetracesthatconducthigh
switching currents short, wide and with minimal overall
loop area. These are typically the traces associated with
the switches. This reduces the parasitic inductance and
also minimizes magnetic field radiation. Figure 19 outlines
the critical paths.
Keep electric field radiation low by minimizing the length
and area of traces (keep stray capacitances low). The drain
of the primary-side MOSFET is the worst offender in this
category. Always use a ground plane under the switcher
circuitry to prevent coupling between PCB planes.
Check that the maximum BVDSS ratings of the MOSFETs
are not exceeded due to inductive ringing. This is done by
viewingtheMOSFETnodevoltageswithanoscilloscope.If
it is breaking down, either choose a higher voltage device,
add a snubber or specify an avalanche-rated MOSFET.
Placethesmall-signalcomponentsawayfromhighfrequency
switching nodes. This allows the use of a pseudo-Kelvin
connection for the signal ground, where high di/dt gate
driver currents flow out of the IC ground pin in one direction
(to the bottom plate of the VCC decoupling capacitor) and
small-signal currents flow in the other direction.
Keep the trace from the feedback divider tap to the FB pin
short to preclude inadvertent pick-up.
For applications with multiple switching power converters
connected to the same input supply, make sure that the
input filter capacitor for the LTC4278 is not shared with
other converters. AC input current from another converter
could cause substantial input voltage ripple which could
interfere with the LTC4278 operation. A few inches of PC
trace or wire (L
@ 100nH) between the CIN of the LTC4278
and the actual source VIN, is sufficient to prevent current
sharing problems.
APPLICATIONS INFORMATION
T2
T1
CR
CVIN
MS
MP
GATE
TURN-ON
GATE
TURN-ON
RSENSE
• •
CVCC
SG
VCC
PG
VCC
VCC
VCC
VIN
GATE
TURN-OFF
GATE
TURN-OFF
Q4
Q3
COUT
4278 F19
OUT
•
•
•
+
+
+
Figure 19. Layout Critical High Current Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com