Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR4100 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # AR4100
Description  Low power modes consuming as little as 5 關A of current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AR4100 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button AR4100 Datasheet HTML 6Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 7Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 8Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 9Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 10Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 11Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 12Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 13Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
MKG-16487 Ver. 5.0
10
Qualcomm Atheros, Inc.
MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION
3
WiFi Functional Description
3.1 Overview
The AR4100 is a single chip 802.11 b/g/n device optimized for low power embedded applications.
The data path consists of the host interface, mailbox DMA, AHB, memory controller, MAC, BB,
and radio. The CPU drives the control path via register and memory accesses.
3.2 XTENSA CPU
At the heart of the chip is the XTENSA CPU. The CPU has these interfaces:
Code RAM/ROM interface (iBus), going to the virtual memory controller (VMC)
Data RAM interface (dBus), going to the VMC
3.3 Reset Control
The AR4100 CHIP_PWD_L pin can be used to completely reset the entire chip. After this signal
has been de-asserted, the AR4100 waits for host communication. Until then, the MAC, BB, and
SOC blocks are powered off and all modules except the host interface are held in reset.
Once the host has initiated communication, the AR4100 turns on its crystal and later on its PLL.
After all clocks are stable and running, the resets to all blocks are automatically de-asserted. The
only resets that stay asserted are:
Warm and cold resets to the MAC
Warm reset to the radio (The cold reset gets automatically de-asserted)
The above resets are deasserted by software. All AR4100 reset control logic resides in the RTC
block to ensure stable reset generation.
3.3.1
CPU Reset
CPU reset is different from the other resets mentioned above. There four scenarios are where the
CPU reset can be asserted:
1. The CHIP_PWD_L pin is asserted or the host has not initiated communication.
2. The polarity of certain package pins are set to enable JTAG debugging via an In-Circuit
Emulator (ICE). In this case, the external ICE can assert CPU reset through a package pin.
3. The polarity of a package pin is set to hold the CPU in reset until the host clears an internal
AR4100 register.
4. An internal AR4100 register is set by the host to force the CPU out of an unknown state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com