Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR4100 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # AR4100
Description  Low power modes consuming as little as 5 關A of current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AR4100 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button AR4100 Datasheet HTML 8Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 9Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 10Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 11Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 12Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 13Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 14Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 15Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
MKG-16487 Ver. 5.0
12
Qualcomm Atheros, Inc.
MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION
AR4100 System in Package 802.11n– General Availability Data Sheet
WiFi Functional Description
Figure 3-1 depicts the state transition diagram.
Figure 3-1
AR4100 Power States
Table 3-1
Power Management States
State
Description
OFF
CHIP_PWD_L pin assertion immediately brings the chip to this state.
Sleep clock is disabled.
No state is preserved.
Host power LDO turned OFF.
HOST_OFF
WLAN is turned OFF.
Only the host interface is powered on - the rest of the chip is power gated OFF.
The host instructs the AR4100 to transition to WAKEUP by writing a register in the host interface
domain.
Embedded CPU and WLAN do not retain state (separate entry).
This state can be bypassed by asserting FORCE_HOST_ON_L during CHIP_PWD_L
deassertion.
SLEEP
Only the sleep clock is operating.
The reference clock is disabled.
Any wakeup events (MAC, host, LF-Timer) will force a transition from this state to the WAKEUP
state.
All internal states are maintained.
WAKEUP
The system transitions from sleep states to ON.
ON
The high speed clock is operational and sent to each block enabled by the clock control register.
Lower level clock gating is implemented at the block level, including the CPU, which can be
gated OFF using the WAITI instruction while the system is ON. No CPU, host, and WLAN
activities will transition to sleep states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com