Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR4100 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # AR4100
Description  Low power modes consuming as little as 5 關A of current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AR4100 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button AR4100 Datasheet HTML 13Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 14Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 15Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 16Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 17Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 18Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 19Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 20Page - Freescale Semiconductor, Inc AR4100 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
MKG-16487 Ver. 5.0
17
Qualcomm Atheros, Inc.
MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION
AR4100 System in Package 802.11n– General Availability Data Sheet
Electrical Characteristics
4.4 Radio Transmitter Characteristics
Table 4-7 summarizes the transmitter characteristics for the AR4100.
NOTE
All transmitter characteristics are preliminary and to subject to change without notice.
4.5 Typical Current Consumption Performance
Table 4-8 summarizes the low power state current consumption for the AR4100.
Table 4-6
Transmitter Characteristics for 2.4 GHz Operation
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Frx
Receive Output Frequency Range
2.412
2.484
GHz
Srf
Receive Sensitivity
CCK
-95
dBm
OFDM
-92
HT20
-92
Table 4-7
Transmitter Characteristics for 2.4 GHz Operation
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ftx
Transmit Output Frequency Range
2.412
2.484
GHz
Pout
802.11b Mask Compliant
1 Mbps
18.5
dBm
802.11g Mask Compliant
6 Mbps
19
802.11n HT20 Mask Compliant
MCS0
18.5
Apl
Accuracy of Power Leveling Loop
+1.5
dB
Table 4-8
Typical Current Consumption: Low Power States (Individual Voltage Rails)
Mode
Typical Current Consumption (mA)
1.8 V2
3.3 V3
Standby
OFF
0.000
0.004
HOST_OFF
0.043
0.005
SLEEP
0.210
0.005
IEEE PS1 (2.4 GHz)
DTIM=1
2.011
0.005
DTIM=3
0.868
0.005
DTIM=10
0.467
0.005
1. Calculated assuming Rx time of 2ms + 0.1* DTIM
2. AVDD18, VDDIO
3. PAREG_BASE, VBAT_42, VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com