Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXOS8700CQ Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 30Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 31Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 32Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 33Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 34Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 35Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 36Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 37Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
Sensors
34
Freescale Semiconductor, Inc.
9.1.11
CTRL_REG4 [Interrupt Enable Register] (0x2D) register
The corresponding functional block interrupt enable bit allows the functional block to route its event detection flag to the system’s
interrupt controller. The interrupt controller routes the enabled interrupt signals to either the INT1 or INT2 pins depending on the
settings made in CTRL_REG5. Please note that the interrupt enable bits for the magnetic threshold and vector magnitude
interrupts are located in registers 0x52 (MAG_THS_CFG), and 0x69 (M_VECM_CFG), respectively.
ipol
The ipol The bit selects the logic polarity of the interrupt signals output on the INT1 and INT2 pins.
INT1/INT2 interrupt logic polarity:
0: Active low (default)
1: Active high
pp_od
INT1/INT2 push-pull or open-drain output mode selection. The open-drain configuration can be used for connecting
multiple interrupt signals on the same interrupt line but will require an external pullup resistor to function correctly.
0: Push-pull (default)
1: Open-drain
1. The FIFO contents are flushed whenever the system ODR changes in order to prevent the mixing of FIFO data from different time domains.
The wake enable bits for the magnetic threshold and magnetic vector magnitude functions are located in registers 0x52
(MAG_THS_CFG) and 0x69 (M_VECM_CFG), respectively.
int_en_aslp
int_en_fifo
int_en_trans
int_en_lndprt
int_en_pulse
int_en_ffmt
int_en_a_vecm
int_en_drdy
00000000
Figure 20. CTRL_REG4 register
Table 29. Interrupt Enable Register bit descriptions
Field
Description
int_en_aslp
Sleep interrupt enable
0: Auto-Sleep/Wake interrupt disabled
1: Auto-Sleep/Wake interrupt enabled
int_en_fifo
FIFO interrupt enable
0: FIFO interrupt disabled
1: FIFO interrupt enabled
int_en_trans
Transient interrupt enable
0: Transient interrupt disabled
1: Transient interrupt enabled
int_en_lndprt
Orientation interrupt enable
0: Orientation (Landscape/Portrait) interrupt disabled
1: Orientation (Landscape/Portrait) interrupt enabled
int_en_pulse
Pulse interrupt enable
0: Pulse detection interrupt disabled
1: Pulse detection interrupt enabled
int_en_ffmt
Freefall/motion interrupt enable
0: Freefall/motion interrupt disabled
1: Freefall/motion interrupt enabled
int_en_a_vecm
Acceleration vector magnitude interrupt enable
0: Acceleration vector magnitude interrupt disabled
1: Acceleration vector magnitude interrupt enabled
int_en_drdy
Data-ready interrupt enable
0: Data-ready interrupt disabled
1: Data-ready interrupt enabled
Table 28. CTRL_REG3 bit descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com